Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD707JR Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD707JR
Description  Ultralow Drift Op Amp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD707JR Fiches technique(HTML) 4 Page - Analog Devices

  AD707JR Datasheet HTML 1Page - Analog Devices AD707JR Datasheet HTML 2Page - Analog Devices AD707JR Datasheet HTML 3Page - Analog Devices AD707JR Datasheet HTML 4Page - Analog Devices AD707JR Datasheet HTML 5Page - Analog Devices AD707JR Datasheet HTML 6Page - Analog Devices AD707JR Datasheet HTML 7Page - Analog Devices AD707JR Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD707–Typical Characteristics
REV. B
–4–
SUPPLY VOLTAGE –
±V
+VS
–1.5
–VS
025
510
15
20
–0.5
–1.0
+1.5
+0.5
+1.0
+ VOUT
– VOUT
RL = 2kΩ
@ +25
°C
Figure 2. Output Voltage Swing
vs. Supply Voltage
OFFSET VOLTAGE DRIFT – µV/
°C
100
70
20
–0.4 –0.3
0.4
–0.2 –0.1
0
0.1
0.2
0.3
90
80
50
30
60
40
10
0
256 UNITS
TESTED
– 55
°C TO +125°C
Figure 5. Typical Distribution of
Offset Voltage Drift
FREQUENCY – Hz
45
40
0
0.01
0.1
100
110
35
30
25
20
15
10
5
I/F CORNER
0.7Hz
Figure 8. Input Noise Spectral
Density
LOAD RESISTANCE –
35
15
0
10
100
10k
1k
10
25
20
30
5
± 15V SUPPLIES
Figure 3. Output Voltage Swing
vs. Load Resistance
FREQUENCY – Hz
100
0.0001
0.1
100k
1
10
100
1k
10k
10
1
0.1
0.001
0.01
IO = 1mA
AV = +1000
AV = +1
Figure 6. Output Impedance vs.
Frequency
10
0%
100
90
TIME – 1sec/Div
Figure 9. 0.1 Hz to 10 Hz Voltage
Noise
SUPPLY VOLTAGE –
±V
+VS
–1.5
–0.5
–1.0
–VS
+1.5
+0.5
+1.0
025
510
15
20
+V
–V
Figure 1. Input Common-Mode
Range vs. Supply Voltage
TIME AFTER POWER ON – Minutes
4
0
04
123
3
2
1
DUAL-IN-LINE PACKAGE
PLASTIC (N) or CERDIP (Q)
METAL CAN (H) PACKAGE
Figure 4. Offset Voltage Warm-Up
Drift
DIFFERENTIAL VOLTAGE –
±V
40
30
0
0
1
100
10
20
10
Figure 7. Input Current vs.
Differential Input Voltage


Numéro de pièce similaire - AD707JR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD707JR AD-AD707JR Datasheet
326Kb / 8P
   Ultralow Drift Op Amp
REV. B
AD707JR-REEL AD-AD707JR-REEL Datasheet
326Kb / 8P
   Ultralow Drift Op Amp
REV. B
AD707JR-REEL7 AD-AD707JR-REEL7 Datasheet
326Kb / 8P
   Ultralow Drift Op Amp
REV. B
More results

Description similaire - AD707JR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD707 AD-AD707_15 Datasheet
329Kb / 8P
   Ultralow Drift Op Amp
REV. B
AD707 AD-AD707 Datasheet
326Kb / 8P
   Ultralow Drift Op Amp
REV. B
AD647 AD-AD647_15 Datasheet
385Kb / 6P
   Ultralow Drift, Dual BiFET Op Amp
REV. A
AD647 AD-AD647 Datasheet
378Kb / 6P
   Ultralow Drift, Dual BiFET Op Amp
REV. A
ADA4528-2ARMZ AD-ADA4528-2ARMZ Datasheet
972Kb / 29P
   Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. D
ADA4528-1 AD-ADA4528-1 Datasheet
737Kb / 20P
   Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. 0
ADA4528-1 AD-ADA4528-1_17 Datasheet
712Kb / 28P
   Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
AD797 AD-AD797 Datasheet
406Kb / 16P
   Ultralow Distortion, Ultralow Noise Op Amp
REV. C
AD797 AD-AD797_08 Datasheet
520Kb / 20P
   Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
AD8597 AD-AD8597 Datasheet
113Kb / 3P
   Single, Ultralow Distortion, Ultralow Noise Op Amp
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com