Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL431CS Fiches technique(PDF) 11 Page - Analog Intergrations Corporation

No de pièce TL431CS
Description  Adjustable Precision Shunt Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIC [Analog Intergrations Corporation]
Site Internet  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

TL431CS Fiches technique(HTML) 11 Page - Analog Intergrations Corporation

Back Button TL431CS Datasheet HTML 3Page - Analog Intergrations Corporation TL431CS Datasheet HTML 4Page - Analog Intergrations Corporation TL431CS Datasheet HTML 5Page - Analog Intergrations Corporation TL431CS Datasheet HTML 6Page - Analog Intergrations Corporation TL431CS Datasheet HTML 7Page - Analog Intergrations Corporation TL431CS Datasheet HTML 8Page - Analog Intergrations Corporation TL431CS Datasheet HTML 9Page - Analog Intergrations Corporation TL431CS Datasheet HTML 10Page - Analog Intergrations Corporation TL431CS Datasheet HTML 11Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
AIC431/TL431A/TL431
11
n PHYSICAL DIMENSIONS (Continued)
l SOT-89 (unit: mm)
SYMBOL
MIN
MAX
A
1.40
1.60
B
0.36
0.48
C
0.35
0.44
D
4.40
4.60
D1
1.62
1.83
E
2.29
2.60
e
1.50 (TYP.)
e1
3.00 (TYP.)
H
3.94
4.25
B
e
H
e1
D
D1
A
C
L
E
L
0.89
1.20
l SOT-89 MARKING
Part No.
Marking
AIC431CX
AC01B
TL431CX
AC02B
TL431ACX
AC03B
l TO-92 (unit: mm)
SYMBOL
MIN
MAX
A
4.32
5.33
C
0.38 (TYP.)
D
4.40
5.20
E
3.17
4.20
e1
1.27 (TYP.)
A
L
e1
D
C
E
L
12.7
-


Numéro de pièce similaire - TL431CS

FabricantNo de pièceFiches techniqueDescription
logo
First Components Intern...
TL431CS FCI-TL431CS Datasheet
465Kb / 9P
   Programmable Precision References
logo
IK Semicon Co., Ltd
TL431CS IKSEMICON-TL431CS Datasheet
3Mb / 12P
   Programmable Precision Reference
logo
HTC Korea TAEJIN Techno...
TL431CSF HTC-TL431CSF Datasheet
671Kb / 12P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
More results

Description similaire - TL431CS

FabricantNo de pièceFiches techniqueDescription
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com