Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8207 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD8207
Description  Bidirectional, Zero Drift, Current Sense Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8207 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD8207 Datasheet HTML 7Page - Analog Devices AD8207 Datasheet HTML 8Page - Analog Devices AD8207 Datasheet HTML 9Page - Analog Devices AD8207 Datasheet HTML 10Page - Analog Devices AD8207 Datasheet HTML 11Page - Analog Devices AD8207 Datasheet HTML 12Page - Analog Devices AD8207 Datasheet HTML 13Page - Analog Devices AD8207 Datasheet HTML 14Page - Analog Devices AD8207 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
AD8417
OUTPUT OFFSET ADJUSTMENT
The output of the AD8417 can be adjusted for unidirectional or
bidirectional operation.
UNIDIRECTIONAL OPERATION
Unidirectional operation allows the AD8417 to measure currents
through a resistive shunt in one direction. The basic modes for
unidirectional operation are ground referenced output mode
and VS referenced output mode.
For unidirectional operation, the output can be set at the negative
rail (near ground) or at the positive rail (near VS) when the
differential input is 0 V. The output moves to the opposite rail
when a correct polarity differential input voltage is applied. The
required polarity of the differential input depends on the output
voltage setting. If the output is set at the positive rail, the input
polarity must be negative to decrease the output. If the output is
set at ground, the polarity must be positive to increase the output.
Ground Referenced Output Mode
When using the AD8417 in ground referenced output mode, both
referenced inputs are tied to ground, which causes the output to sit
at the negative rail when there are zero differential volts at the input
(see Figure 27).
+
R1
OUT
GND
VS
VREF1
VREF2
AD8417
R2
R3
R4
–IN
+IN
Figure 27. Ground Referenced Output
VS Referenced Output Mode
VS referenced output mode is set when both reference pins are tied
to the positive supply. It is typically used when the diagnostic
scheme requires detection of the amplifier and the wiring before
power is applied to the load (see Figure 28).
+
R1
OUT
GND
VS
VREF1
VREF2
AD8417
R2
R3
R4
–IN
+IN
Figure 28. VS Referenced Output
BIDIRECTIONAL OPERATION
Bidirectional operation allows the AD8417 to measure currents
through a resistive shunt in two directions.
In this case, the output is set anywhere within the output range.
Typically, it is set at half-scale for equal range in both directions.
In some cases, however, it is set at a voltage other than half scale
when the bidirectional current is nonsymmetrical.
Adjusting the output is accomplished by applying voltage(s) to
the referenced inputs. VREF1 and VREF2 are tied to internal
resistors that connect to an internal offset node. There is no
operational difference between the pins.
Rev. 0 | Page 11 of 16


Numéro de pièce similaire - AD8207

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8207 AD-AD8207 Datasheet
441Kb / 16P
   Zero-Drift, High Voltage, Bidirectional Difference Amplifier
REV. 0
AD8207 AD-AD8207 Datasheet
300Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
AD8207 AD-AD8207 Datasheet
3Mb / 4P
   High Voltage, High Bandwidth Current Sense Amplifier
AD8207 AD-AD8207 Datasheet
791Kb / 15P
   Bidirectional, Zero Drift, Current Sense Amplifier
Rev. 0
AD8207WBRZ AD-AD8207WBRZ Datasheet
441Kb / 16P
   Zero-Drift, High Voltage, Bidirectional Difference Amplifier
REV. 0
More results

Description similaire - AD8207

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8417 AD-AD8417_17 Datasheet
344Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
AD8418 AD-AD8418 Datasheet
300Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
AD8417-2 AD-AD8417-2 Datasheet
791Kb / 15P
   Bidirectional, Zero Drift, Current Sense Amplifier
Rev. 0
AD8418A AD-AD8418A Datasheet
424Kb / 17P
   Bidirectional, Zero Drift, Current Sense Amplifier
logo
Linear Technology
LTC6102 LINER-LTC6102_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
LTC6102-1 LINER-LTC6102-1_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
LTC6102HV LINER-LTC6102HV_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
logo
Texas Instruments
INA186 TI1-INA186 Datasheet
1Mb / 31P
[Old version datasheet]   Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier
logo
3PEAK INC.
TP199 3PEAK-TP199 Datasheet
778Kb / 9P
   Zero-Drift, Bi-directional Current Sense Amplifier
TP199A1T 3PEAK-TP199A1T Datasheet
779Kb / 9P
   Zero-Drift, Bi-directional Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com