Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK1062TE85LF Fiches technique(PDF) 2 Page - Toshiba Semiconductor

No de pièce 2SK1062TE85LF
Description  High Speed Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK1062TE85LF Fiches technique(HTML) 2 Page - Toshiba Semiconductor

  2SK1062TE85LF Datasheet HTML 1Page - Toshiba Semiconductor 2SK1062TE85LF Datasheet HTML 2Page - Toshiba Semiconductor 2SK1062TE85LF Datasheet HTML 3Page - Toshiba Semiconductor 2SK1062TE85LF Datasheet HTML 4Page - Toshiba Semiconductor 2SK1062TE85LF Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SK1062
2007-11-01
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±10 V, VDS = 0
±100
nA
Drain cut-off current
IDSS
VDS = 60 V, VGS = 0
10
μA
Drain-source breakdown voltage
V (BR) DSS
ID = 1 mA, VGS = 0
60
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
2
3.5
V
Forward transfer admittance
⎪Yfs
VDS = 10 V, ID = 50 mA
100
mS
Drain-source ON resistance
RDS (ON)
ID = 50 mA, VGS = 10 V
0.6
1.0
Ω
Drain-source ON voltage
VDS (ON)
ID = 50 mA, VGS = 10 V
30
50
mV
Input capacitance
Ciss
VDS = 10 V, VGS = 0, f = 1 MHz
55
65
pF
Reverse transfer capacitance
Crss
VDS = 10 V, VGS = 0, f = 1 MHz
13
18
pF
Output capacitance
Coss
VDS = 10 V, VGS = 0, f = 1 MHz
40
50
pF
Rise time
tr
8
Turn-on time
ton
14
Fall time
tf
35
Switching time
Turn-off Time
toff
VIN: tr, tf < 5 ns
D.U <= 1% (Zout = 50 Ω)
75
ns
Note: This transistor is the electrostatic sensitive device. Please handle with caution.


Numéro de pièce similaire - 2SK1062TE85LF

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SK1062 TOSHIBA-2SK1062 Datasheet
192Kb / 3P
   N CHANNEL MOS TYPE (HIGH SPEED SWTICHING, ANALOG SWITCHING, INTERFACE APPLICATIONS)
2SK1062 TOSHIBA-2SK1062 Datasheet
586Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
2SK1062 TOSHIBA-2SK1062_07 Datasheet
586Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
More results

Description similaire - 2SK1062TE85LF

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
SSM6N37FE TOSHIBA-SSM6N37FE Datasheet
197Kb / 5P
   High-Speed Switching Applications Analog Switching Applications
SSM6N44FE TOSHIBA-SSM6N44FE Datasheet
154Kb / 5P
   High Speed Switching Applications Analog Switching Applications
SSM6N16FE TOSHIBA-SSM6N16FE Datasheet
143Kb / 5P
   High Speed Switching Applications Analog Switching Applications
SSM3K16FU TOSHIBA-SSM3K16FU Datasheet
137Kb / 5P
   High Speed Switching Applications Analog Switching Applications
SSM6L12TU TOSHIBA-SSM6L12TU Datasheet
241Kb / 9P
   High-Speed Switching Applications
TPC6D03 TOSHIBA-TPC6D03 Datasheet
205Kb / 7P
   High-Speed Switching Applications
logo
Sanyo Semicon Device
2SA1730 SANYO-2SA1730 Datasheet
91Kb / 3P
   High-Speed Switching Applications
2SA1331 SANYO-2SA1331 Datasheet
112Kb / 4P
   High-Speed Switching Applications
2SC4452 SANYO-2SC4452 Datasheet
89Kb / 3P
   High-Speed Switching Applications
2SC4455 SANYO-2SC4455 Datasheet
87Kb / 3P
   High-Speed Switching Applications
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com