Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SJ144-Y Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce 2SJ144-Y
Description  Audio Frequency Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ144-Y Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  2SJ144-Y Datasheet HTML 1Page - Toshiba Semiconductor 2SJ144-Y Datasheet HTML 2Page - Toshiba Semiconductor 2SJ144-Y Datasheet HTML 3Page - Toshiba Semiconductor 2SJ144-Y Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SJ144
2007-11-01
1
TOSHIBA Field Effect Transistor Silicon P Channel Junction Type
2SJ144
Audio Frequency Amplifier Applications
Analog Switch Applications
Constant Current Applications
Impedance Converter Applications
• High breakdown voltage: VGDS = 50 V (min)
• High input impedance: IGSS = 1.0 nA (max) (VGS = 30 V)
• Low RDS (ON): RDS (ON) = 270 Ω (typ.) (IDSS = −5 mA)
• Small package
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Gate-drain voltage
VGDS
50
V
Gate current
IG
−10
mA
Drain power dissipation
PD
100
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note:
Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and
estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate cut-off current
IGSS
VGS = 30 V, VDS = 0
1.0
nA
Gate-drain breakdown voltage
V (BR) GDS
VDS = 0, IG = 100 μA
50
V
Drain current
IDSS
(Note)
VDS = −10 V, VGS = 0
−1.2
−14
mA
Gate-source cut-off voltage
VGS (OFF)
VDS = −10 V, ID = −0.1 μA
0.3
6.0
V
Forward transfer admittance
⎪Yfs
VDS = −10 V, VGS = 0, f = 1 kHz
1.0
4.0
mS
Drain-source on resistance
RDS (ON)
VDS = −10 mV, VGS = 0
IDSS = −5 mA
270
Ω
Input capacitance
Ciss
VDS = −10 V, VGS = 0, f = 1 MHz
18
pF
Reverse transfer capacitance
Crss
VDG = −10 V, ID = 0, f = 1 MHz
3.6
pF
Note: IDSS classification Y: −1.2~−3.0 mA, GR (G): −2.6~−6.5 mA, BL (L): −6~−14 mA
Marking
Unit: mm
JEDEC
JEITA
SC-70
TOSHIBA
2-2E1B
Weight: 6 mg (typ.)


Numéro de pièce similaire - 2SJ144-Y

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SJ144-GR TOSHIBA-2SJ144-GR Datasheet
282Kb / 4P
   Audio Frequency Amplifier Applications Analog Switch Applications Constant Current Applications Impedance Converter Applications
More results

Description similaire - 2SJ144-Y

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
2SA1203 KEXIN-2SA1203 Datasheet
362Kb / 2P
   Audio Frequency Amplifier Applications
2SC2883 KEXIN-2SC2883 Datasheet
356Kb / 2P
   Audio Frequency Amplifier Applications
logo
Toshiba Semiconductor
2SC3423-Y TOSHIBA-2SC3423-Y Datasheet
127Kb / 5P
   Audio Frequency Amplifier Applications
2SA1204-Y TOSHIBA-2SA1204-Y Datasheet
143Kb / 4P
   Audio Frequency Amplifier Applications
2SC2704 TOSHIBA-2SC2704 Datasheet
189Kb / 3P
   AUDIO FREQUENCY AMPLIFIER APPLICATIONS.
2SA1360 TOSHIBA-2SA1360_07 Datasheet
126Kb / 5P
   Audio Frequency Amplifier Applications
2SA817 TOSHIBA-2SA817_07 Datasheet
357Kb / 3P
   Audio Frequency Amplifier Applications
2SA1049 TOSHIBA-2SA1049_07 Datasheet
341Kb / 3P
   Audio Frequency Amplifier Applications
2SA1145 TOSHIBA-2SA1145_07 Datasheet
138Kb / 5P
   Audio Frequency Amplifier Applications
2SA1203 TOSHIBA-2SA1203_07 Datasheet
128Kb / 4P
   Audio Frequency Amplifier Applications
2SA1204 TOSHIBA-2SA1204_07 Datasheet
131Kb / 4P
   Audio Frequency Amplifier Applications
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com