Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD4144AK Fiches technique(PDF) 11 Page - Toshiba Semiconductor

No de pièce TPD4144AK
Description  High Voltage Monolithic Silicon Power IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD4144AK Fiches technique(HTML) 11 Page - Toshiba Semiconductor

Back Button TPD4144AK Datasheet HTML 7Page - Toshiba Semiconductor TPD4144AK Datasheet HTML 8Page - Toshiba Semiconductor TPD4144AK Datasheet HTML 9Page - Toshiba Semiconductor TPD4144AK Datasheet HTML 10Page - Toshiba Semiconductor TPD4144AK Datasheet HTML 11Page - Toshiba Semiconductor TPD4144AK Datasheet HTML 12Page - Toshiba Semiconductor TPD4144AK Datasheet HTML 13Page - Toshiba Semiconductor TPD4144AK Datasheet HTML 14Page - Toshiba Semiconductor TPD4144AK Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
TPD4144AK
2012-02-15
11
External Parts
Typical external parts are shown in the following table.
Part
Typical
Purpose
Remarks
C1, C2, C3
25 V/2.2
μF
Bootstrap capacitor
(Note 1)
C4
25 V/10
μF
VCC power supply stability
(Note 2)
C5
25 V/0.1
μF
VCC for surge absorber
(Note 2)
C6
25 V/1
μF
VREG power supply stability
(Note 2)
C7
25 V/1000 pF
VREG for surge absorber
(Note 2)
R1
5.1 k
Ω
DIAG pin pull-up resistor
(Note 3)
R2
10 k
Ω
SD pin pull-up resistor
-
Note 1: The required bootstrap capacitance value varies according to the motor drive conditions. The capacitor is
biased by VCC and must be sufficiently derated for it.
Note 2: When using this product, adjustment is required in accordance with the use environment. When mounting,
place as close to the base of this product leads as possible to improve the ripple and noise elimination.
Note 3: The DIAG pin is open drain. If not using the DIAG pin, connect to the GND.
Handling precautions
(1)
Please control the input signal in the state to which the VCC voltage is steady. Both of the order of the
VBB power supply and the VCC power supply are not cared about either.
Note that if the power supply is switched off as described above, this product may be destroyed if the
current regeneration route to the VBB power supply is blocked when the VBB line is disconnected by a
relay or similar while the motor is still running.
(2)
The excess voltage such as the voltage surge which exceed the absolute maximum rating is added, for
example, may destroy the circuit. Accordingly, be careful of handling this product or of surge voltage in
its application environment.


Numéro de pièce similaire - TPD4144AK

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPD4144K TOSHIBA-TPD4144K Datasheet
375Kb / 23P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
More results

Description similaire - TPD4144AK

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPD4105AK TOSHIBA-TPD4105AK_07 Datasheet
364Kb / 25P
   High Voltage Monolithic Silicon Power IC
TPD4113AK TOSHIBA-TPD4113AK_07 Datasheet
343Kb / 24P
   High Voltage Monolithic Silicon Power IC
TPD4104AK TOSHIBA-TPD4104AK Datasheet
386Kb / 23P
   High Voltage Monolithic Silicon Power IC
TPD4105K TOSHIBA-TPD4105K Datasheet
376Kb / 25P
   High Voltage Monolithic Silicon Power IC
TPD4113K TOSHIBA-TPD4113K_07 Datasheet
374Kb / 24P
   High Voltage Monolithic Silicon Power IC
TPD4111K TOSHIBA-TPD4111K Datasheet
388Kb / 27P
   Power Device High Voltage Monolithic Silicon Power IC
TPD4123AK TOSHIBA-TPD4123AK Datasheet
353Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4121K TOSHIBA-TPD4121K Datasheet
356Kb / 25P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4112K TOSHIBA-TPD4112K Datasheet
428Kb / 28P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4113K TOSHIBA-TPD4113K Datasheet
227Kb / 21P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com