Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPC8049-H Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TPC8049-H
Description  Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8049-H Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TPC8049-H Datasheet HTML 1Page - Toshiba Semiconductor TPC8049-H Datasheet HTML 2Page - Toshiba Semiconductor TPC8049-H Datasheet HTML 3Page - Toshiba Semiconductor TPC8049-H Datasheet HTML 4Page - Toshiba Semiconductor TPC8049-H Datasheet HTML 5Page - Toshiba Semiconductor TPC8049-H Datasheet HTML 6Page - Toshiba Semiconductor TPC8049-H Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPC8049-H
2009-06-18
1
TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOSⅥ-H)
TPC8049-H
Switching Regulator Applications
Motor Drive Applications
DC-DC Converter Applications
• Small footprint due to a small and thin package
• High-speed switching
• Small gate charge: QSW = 13 nC (typ.)
• Low drain-source ON-resistance:
RDS (ON) = 6.9 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 48 S (typ.)
• Low leakage current: IDSS = 10 μA (max) (VDS = 60 V)
• Enhancement mode: Vth = 1.3 to 2.3 V (VDS = 10 V, ID = 0.5 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDSS
60
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
60
V
Gate-source voltage
VGSS
±20
V
DC
(Note 1)
ID
13
Drain current
Pulsed (Note 1)
IDP
52
A
Drain power dissipation
(t
= 10 s)
(Note 2a)
PD
1.9
W
Drain power dissipation
(t
= 10 s)
(Note 2b)
PD
1.0
W
Single-pulse avalanche energy
(Note 3)
EAS
61
mJ
Avalanche current
IAR
13
A
Repetitive avalanche energy
(Tc = 25℃) (Note 4)
EAR
0.06
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: For Notes 1 to 4, refer to the next page.
Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating
conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please
design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and
estimated failure rate, etc).
This transistor is an electrostatic-sensitive device. Handle with care.
Unit: mm
JEDEC
JEITA
TOSHIBA
2-6J1B
Weight: 0.085g (typ.)
Circuit Configuration
8
6
1
2
3
7
5
4


Numéro de pièce similaire - TPC8049-H

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPC8049-H TOSHIBA-TPC8049-H Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TPC8049-H VBSEMI-TPC8049-H Datasheet
996Kb / 9P
   N-Channel 60-V (D-S) MOSFET
More results

Description similaire - TPC8049-H

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPC8050-H TOSHIBA-TPC8050-H Datasheet
213Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8047-H TOSHIBA-TPCA8047-H Datasheet
202Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8048-H TOSHIBA-TPCA8048-H Datasheet
203Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8050-H TOSHIBA-TPCA8050-H Datasheet
192Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8052-H TOSHIBA-TPCA8052-H Datasheet
192Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPC8045-H TOSHIBA-TPC8045-H Datasheet
215Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8051-H TOSHIBA-TPCA8051-H Datasheet
198Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
2SK3444 TOSHIBA-2SK3444 Datasheet
202Kb / 6P
   Switching Regulator, DC-DC Converter Applications Motor Drive Applications
2SK3389 TOSHIBA-2SK3389 Datasheet
320Kb / 6P
   Switching Regulator, DC-DC Converter Applications Motor Drive Applications
2SK3440 TOSHIBA-2SK3440 Datasheet
320Kb / 6P
   Switching Regulator, DC-DC Converter Applications Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com