Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDBZ31060H-HF Fiches technique(PDF) 1 Page - Comchip Technology

No de pièce CDBZ31060H-HF
Description  SMD Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COMCHIP [Comchip Technology]
Site Internet  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBZ31060H-HF Fiches technique(HTML) 1 Page - Comchip Technology

  CDBZ31060H-HF Datasheet HTML 1Page - Comchip Technology CDBZ31060H-HF Datasheet HTML 2Page - Comchip Technology CDBZ31060H-HF Datasheet HTML 3Page - Comchip Technology CDBZ31060H-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Schottky Barrier Rectifiers
Reverse Voltage: 60 Volts
Forward Current: 10 Amp
RoHS Device
Page 1
REV:A
Features
- Low power loss, High efficiency.
- High current capability, low VF.
Mechanical data
- Case: Packed with FRP substrate and epoxy underfilled.
- Terminals: Pure Tin plated (Lead-Free), solderable per
MIL-STD-750, method 2026.
CDBZ31060H-HF
QW-JB046
Comchip Technology CO., LTD.
Dimensions in inches and (millimeter)
V
60
VRRM
°C
TJ, TSTG
Operating and storage temperature range
Peak
surge
forward
current (8.3ms single half sine-wave)
Parameter
Symbol
Rating
Unit
0.01
Repetitive peak reverse current
Forward voltage (NOTE 1)
Parameter
Conditions
Min.
Typ.
Max.
Unit
IF = 10 A
Maximum Ratings (at TA=25°C unless otherwise noted)
Electrical Characteristics (at TA=25°C unless otherwise noted)
A
270
IFSM
A
10
IF(AV)
Average forward current
Repetitive peak reverse voltage
°C/W
Thermal resistance
Junction to ambient (NOTE 2)
60
-55 to +150
IRRM
VF
Symbol
RθJA
V
0.60
- Lead less chip form, no lead damage.
Halogen free
- Plastic package has Underwriters Laboratory
Flammability Classification 94V-0 .
°C/W
Junction to lead (NOTE 2)
22
RθJL
VR = Max. VRRM
0.65
0.10
mA
Company reserves the right to improve product design , functions and reliability without notice.
NOTES : (1) Pulse test width PW=300usec , 1% duty cycle.
(2) Mounted on P.C.B. with
x 14mm copper pad areas.
14
Circuit Diagram
TO-277(Z3)
TA= 25°C
TA= 125°C
15
°C/W
Junction to case (NOTE 2)
20
RθJC
-
-
-
-
-
-
-
-
-
-
LEFT PIN
RIGHT PIN
BOTTOMSIDE
HEAT SINK
0.085(2.15)
0.073(1.85)
Top View
Bottom View
0.163(4.15)
0.152(3.85)
0.187(4.75)
0.175(4.45)
0.132(3.35)
0.120(3.05)
0.061(1.55)
0.049(1.25)
0.047(1.20)
0.035(0.90)
0.045(1.15)
0.033(0.85)
0.053(1.35)
0.041(1.05)
0.262(6.65)
0.250(6.35)
- Weight: 0.08 grams (approx).


Numéro de pièce similaire - CDBZ31060H-HF

FabricantNo de pièceFiches techniqueDescription
logo
Comchip Technology
CDBZ31060H-HF COMCHIP-CDBZ31060H-HF Datasheet
496Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ31060H-HF COMCHIP-CDBZ31060H-HF_15 Datasheet
496Kb / 4P
   SMD Schottky Barrier Rectifiers
More results

Description similaire - CDBZ31060H-HF

FabricantNo de pièceFiches techniqueDescription
logo
Comchip Technology
CDBZ320200-HF COMCHIP-CDBZ320200-HF Datasheet
480Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBAT320-HF COMCHIP-CDBAT320-HF_15 Datasheet
661Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBMHS240-HF COMCHIP-CDBMHS240-HF Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
SL22B DSK-SL22B Datasheet
93Kb / 2P
   SMD SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
   SMD Schottky Barrier Rectifiers
CDBA120-HF COMCHIP-CDBA120-HF Datasheet
69Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBA260-HF COMCHIP-ACDBA260-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBC540-HF COMCHIP-ACDBC540-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBM120-HF COMCHIP-CDBM120-HF_12 Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com