Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8205YRZ-RL Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD8205YRZ-RL
Description  Single-Supply 42 V System Difference Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8205YRZ-RL Fiches technique(HTML) 5 Page - Analog Devices

  AD8205YRZ-RL Datasheet HTML 1Page - Analog Devices AD8205YRZ-RL Datasheet HTML 2Page - Analog Devices AD8205YRZ-RL Datasheet HTML 3Page - Analog Devices AD8205YRZ-RL Datasheet HTML 4Page - Analog Devices AD8205YRZ-RL Datasheet HTML 5Page - Analog Devices AD8205YRZ-RL Datasheet HTML 6Page - Analog Devices AD8205YRZ-RL Datasheet HTML 7Page - Analog Devices AD8205YRZ-RL Datasheet HTML 8Page - Analog Devices AD8205YRZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
AD8205
Rev. | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 2. Metallization Diagram
NC = NO CONNECT
AD8205
TOP VIEW
(Not to Scale)
–IN
1
GND
2
VREF2 3
NC
4
+IN
VREF1
V+
OUT
8
7
6
5
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
X
Y
1
−IN
−206
508
2
GND
−447
57
3
VREF2
−432
−457
4
NC
N/A
N/A
5
OUT
444
−472
6
V+
444
−203
7
VREF1
456
434
8
+IN
203
509
Die size is 1170 µm by 1280 µm.
Die thickness is 13 mil.
Minimum passivation opening (minimum bond pad size) is
92 µm × 92 µm.
Passivation type is 8KA USG (Oxide) + 10KA Oxynitride.
Bond pad metal composition is 98.5% Al, 1% Si, and 0.5% Cu.
Backside potential is V+.
D


Numéro de pièce similaire - AD8205YRZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8205YRZ-RL AD-AD8205YRZ-RL Datasheet
457Kb / 12P
   Single-Supply 42 V System Difference Amplifier
REV. D
More results

Description similaire - AD8205YRZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8205 AD-AD8205 Datasheet
308Kb / 12P
   Single-Supply 42 V System Difference Amplifier
REV. 0
AD8205YRZ AD-AD8205YRZ Datasheet
457Kb / 12P
   Single-Supply 42 V System Difference Amplifier
REV. D
AD8206 AD-AD8206_05 Datasheet
344Kb / 12P
   Single-Supply, 42 V System Difference Amplifier
REV. 0
AD8206 AD-AD8206 Datasheet
262Kb / 12P
   Single-Supply 42 V System Difference Amplifier
Rev. PrA
logo
Burr-Brown (TI)
INA152 BURR-BROWN-INA152 Datasheet
243Kb / 15P
   Single-Supply DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA152 TI1-INA152 Datasheet
792Kb / 18P
[Old version datasheet]   Single-Supply DIFFERENCE AMPLIFIER
INA132U TI1-INA132U Datasheet
320Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA132U2K5E4 TI1-INA132U2K5E4 Datasheet
339Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Linear Technology
LT6552 LINER-LT6552_15 Datasheet
360Kb / 16P
   3.3V Single Supply Video Difference Amplifier
LT6552 LINER-LT6552 Datasheet
350Kb / 16P
   3.3V Single Supply Video Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com