Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2413DR Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2413DR
Description  N1 and ORing Power Rail Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2413DR Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS2413DR Datasheet HTML 6Page - Texas Instruments TPS2413DR Datasheet HTML 7Page - Texas Instruments TPS2413DR Datasheet HTML 8Page - Texas Instruments TPS2413DR Datasheet HTML 9Page - Texas Instruments TPS2413DR Datasheet HTML 10Page - Texas Instruments TPS2413DR Datasheet HTML 11Page - Texas Instruments TPS2413DR Datasheet HTML 12Page - Texas Instruments TPS2413DR Datasheet HTML 13Page - Texas Instruments TPS2413DR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
APPLICATION INFORMATION
OVERVIEW
Gate
ON
Gate
OFF
Programmable
FastTurn-off
Threshold
Gnd
Programmable
FastTurn-off
Threshold
Active
Regulation
SlowTurn-off
Range
TPS2413
(SeeText)
TPS2412
(SeeText)
V
+10V
(A)
V
+V
(A)
(T)
V(AC)
V(AC)
TPS2412
TPS2413
SLVS728B – JANUARY 2007 – REVISED SEPTEMBER 2008.......................................................................................................................................... www.ti.com
The TPS2412/13 is designed to allow an output ORing in N+1 power supply applications (see Figure 12), and an
input-power bus ORing in redundant source applications (see Figure 13). The TPS2412/13 and external
MOSFET emulate a discrete diode to perform this unidirectional power combining function. The advantage to this
emulation is lower forward voltage drop and the ability to tune the operation.
The TPS2412 turns the MOSFET on with a linear control loop that regulates V(AC) to 10 mV as shown in
Figure 11. With the gate low, and V(AC) increasing to 10 mV, the amplifier drives GATE high with all available
output current until regulation is reached. The regulator controls V(GATE) to maintain V(AC) at 10 mV as long as the
MOSFET rDS(on) × I(DRAIN) is less than this the regulated voltage. The regulator drives GATE high, turning the
MOSFET fully ON when the rDS(on) × I(DRAIN) exceeds 10 mV; otherwise, V(GATE) will be near V(A) plus the
MOSFET gate threshold voltage. If the external circuits force V(AC) below 10 mV and above the programmed fast
turnoff, GATE is slowly turned off. GATE is rapidly pulled to ground if V(AC) falls to the RSET programmed fast
turn-off threshold.
The TPS2413 turns the MOSFET on and off like a comparator with hysteresis as shown in Figure 11. GATE is
driven high when V(AC) exceeds 10 mV, and rapidly turned off if V(AC) falls to the RSET programmed fast turn-off
threshold.
System designs should account for the inherent delay between a TPS2412/13 circuit becoming forward biased,
and the MOSFET actually turning ON. The delay is the result of the MOSFET gate capacitance charge from
ground to its threshold voltage by the 290
µA gate current. If there are no additional sources holding the ORed
rail voltage up, the MOSFET internal diode will conduct and maintain voltage on the ORed output, but there will
be some voltage droop. This condition is analogous to the power source being ORed in this case. The DC/DC
converter output voltage droops when its load increases from zero to a high value. Load sharing techniques that
keep all ORed sources active solve this condition.
Figure 11. TPS2412/13 Operation
The operation of the two parts is summarized in Table 2.
Table 2. Operation as a Function of VAC
Turnoff Threshold(1)
≤ VAC ≤ 10 mV
V(AC) ≤ Turnoff Threshold
(1)
V(AC) > 10 mV
(MOSFET
V(AC) Forced < 10 mV
rDS(on) × ILOAD) ≤ 10 mV
Weak GATE pull-down
TPS2412 Strong GATE pull-down (OFF)
V(AC) regulated to 10 mV
GATE pulled high (ON)
(OFF)
TPS2413 Strong GATE pull-down (OFF)
Depends on previous state (Hysteresis region)
GATE pulled high (ON)
(1)
Turnoff threshold is established by the value of RSET.
10
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS2412 TPS2413


Numéro de pièce similaire - TPS2413DR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2413DR TI1-TPS2413DR Datasheet
1Mb / 29P
[Old version datasheet]   ORing Power Rail Controller
TPS2413DR TI1-TPS2413DR Datasheet
1Mb / 29P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2413DRG4 TI1-TPS2413DRG4 Datasheet
1Mb / 29P
[Old version datasheet]   ORing Power Rail Controller
TPS2413DRG4 TI1-TPS2413DRG4 Datasheet
1Mb / 29P
[Old version datasheet]   N1 and ORing Power Rail Controller
More results

Description similaire - TPS2413DR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2412 TI-TPS2412 Datasheet
741Kb / 21P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2412 TI1-TPS2412_17 Datasheet
1Mb / 29P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2410 TI-TPS2410 Datasheet
851Kb / 26P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_14 Datasheet
1Mb / 33P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_V01 Datasheet
1Mb / 31P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2419 TI-TPS2419 Datasheet
493Kb / 21P
[Old version datasheet]   N1 and ORing Power Rail Controller with Enable
TPS2410 TI1-TPS2410_V02 Datasheet
1Mb / 33P
[Old version datasheet]   TPS241x Full Featured N1 and ORing Power Rail Controller
TPS2412 TI1-TPS2412_15 Datasheet
1Mb / 29P
[Old version datasheet]   ORing Power Rail Controller
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
   Active ORing Controller
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
   ACTIVE ORING MOSFET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com