Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA6011A4PWPG4 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA6011A4PWPG4
Description  3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6011A4PWPG4 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPA6011A4PWPG4 Datasheet HTML 4Page - Texas Instruments TPA6011A4PWPG4 Datasheet HTML 5Page - Texas Instruments TPA6011A4PWPG4 Datasheet HTML 6Page - Texas Instruments TPA6011A4PWPG4 Datasheet HTML 7Page - Texas Instruments TPA6011A4PWPG4 Datasheet HTML 8Page - Texas Instruments TPA6011A4PWPG4 Datasheet HTML 9Page - Texas Instruments TPA6011A4PWPG4 Datasheet HTML 10Page - Texas Instruments TPA6011A4PWPG4 Datasheet HTML 11Page - Texas Instruments TPA6011A4PWPG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
Table of Graphs
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20 k
100
1 k
10 k
VDD = 5 V
RL = 3 Ω
Gain = 20 dB
BTL
PO = 1.75 W
PO = 0.5 W
PO = 1 W
f − Frequency − Hz
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20 k
50
100 200
500 1 k 2 k
5 k 10 k
PO = 0.25 W
PO = 1.5 W
PO = 1 W
f − Frequency − Hz
VDD = 5 V
RL = 4 Ω
Gain = 20 dB
BTL
TPA6011A4
SLOS392A – FEBRUARY 2002 – REVISED JULY 2004
FIGURE
vs Frequency
1, 2 3
THD+N
Total harmonic distortion plus noise (BTL)
vs Output power
6, 7, 8
vs Frequency
4, 5
THD+N
Total harmonic distortion plus noise (SE)
vs Output power
9
vs Output voltage
10
Closed loop response
11, 12
vs Temperature
13
ICC
Supply current
vs Supply voltage
14, 15, 16
PD
Power Dissipation
vs Output power
17, 18
PO
Output power
vs Load resistance
19, 20
Crosstalk
vs Frequency
21, 22
HP/LINE attenuation
vs Frequency
23
PSRR
Power supply ripple rejection (BTL)
vs Frequency
24
PSRR
Power supply ripple rejection (SE)
vs Frequency
25
ZI
Input impedance
vs BTL gain
26
Vn
Output noise voltage
vs Frequency
27
TOTAL HARMONIC DISTORTION + NOISE (BTL)
TOTAL HARMONIC DISTORTION + NOISE (BTL)
vs
vs
FREQUENCY
FREQUENCY
Figure 1.
Figure 2.
8


Numéro de pièce similaire - TPA6011A4PWPG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6011A4PWP TI-TPA6011A4PWP Datasheet
529Kb / 31P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results

Description similaire - TPA6011A4PWPG4

FabricantNo de pièceFiches techniqueDescription
logo
Eutech Microelectronics...
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6012A4 TI-TPA6012A4 Datasheet
668Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4 TI-TPA6011A4 Datasheet
529Kb / 31P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6011A EUTECH-EUA6011A Datasheet
809Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6013A4 TI1-TPA6013A4_16 Datasheet
1Mb / 30P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4PWP TI1-TPA6013A4PWP Datasheet
499Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4 TI-TPA6013A4 Datasheet
643Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Unisonic Technologies
PA3011 UTC-PA3011 Datasheet
234Kb / 7P
   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6029 EUTECH-EUA6029 Datasheet
673Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
EUA6021A EUTECH-EUA6021A Datasheet
665Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com