Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI1563DH-T1-E3 Fiches technique(PDF) 5 Page - Vishay Siliconix

No de pièce SI1563DH-T1-E3
Description  Complementary 20 V (D-S) Low-Threshold MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1563DH-T1-E3 Fiches technique(HTML) 5 Page - Vishay Siliconix

  SI1563DH-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI1563DH-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI1563DH-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI1563DH-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI1563DH-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI1563DH-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI1563DH-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI1563DH-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI1563DH-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Document Number: 71963
S10-1054-Rev. B, 03-May-10
www.vishay.com
5
Vishay Siliconix
Si1563DH
N-CHANNEL TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
1
10
600
10-1
10-4
100
2
1
0.1
0.01
0.2
0.1
0.05
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = R thJA = 170 °C/W
3. T JM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
0.02
Normalized Thermal Transient Impedance, Junction-to-Foot
10-3
10-2
110
10-1
10-4
2
1
0.1
0.01
0.2
0.1
0.05
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
0.02


Numéro de pièce similaire - SI1563DH-T1-E3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI1563DH-T1 VISHAY-SI1563DH-T1 Datasheet
281Kb / 14P
   Complementary 20 V (D-S) Low-Threshold MOSFET
Rev. B, 03-May-10
More results

Description similaire - SI1563DH-T1-E3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI1563DH VISHAY-SI1563DH_08 Datasheet
95Kb / 9P
   Complementary 20-V (D-S) Low-Threshold MOSFET
S-21483-Rev. A, 26-Aug-02
SI1563EDH VISHAY-SI1563EDH_08 Datasheet
160Kb / 9P
   Complementary 20-V (D-S) Low-Threshold MOSFET
S-80257-Rev. C, 04-Feb-08
SI1563DH VISHAY-SI1563DH_V01 Datasheet
145Kb / 9P
   Complementary 20 V (D-S) Low-Threshold MOSFET
01-Jan-2022
SI1563DH VISHAY-SI1563DH Datasheet
66Kb / 8P
   Complementary 20-V (D-S) Low-Threshold MOSFET
Rev. A, 26-Aug-02
SI1563EDH VISHAY-SI1563EDH Datasheet
64Kb / 8P
   Complementary 20-V (D-S) Low-Threshold MOSFET
Rev. B, 21-May-01
logo
Guangdong Kexin Industr...
KI1563DH KEXIN-KI1563DH Datasheet
58Kb / 2P
   Complementary 20-V (D-S) Low-Threshold MOSFET
KI1501DL KEXIN-KI1501DL Datasheet
54Kb / 2P
   Complementary 20-V (D-S) Low-Threshold MOSFET
logo
Vishay Siliconix
SI1501DL VISHAY-SI1501DL Datasheet
59Kb / 6P
   Complementary 20-V (D-S) Low-Threshold MOSFET
Rev. B, 21-May-01
SI1563EDH VISHAY-SI1563EDH_V01 Datasheet
119Kb / 9P
   Complementary 20 V (D-S) Low-Threshold MOSFET
01-Jan-2022
SI1563DH VISHAY-SI1563DH_10 Datasheet
281Kb / 14P
   Complementary 20 V (D-S) Low-Threshold MOSFET
Rev. B, 03-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com