Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDC1044AN9C Fiches technique(PDF) 10 Page - Fairchild Semiconductor

No de pièce TDC1044AN9C
Description  Monolithic Video A/D Converter 4-Bit, 25 Msps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TDC1044AN9C Fiches technique(HTML) 10 Page - Fairchild Semiconductor

Back Button TDC1044AN9C Datasheet HTML 6Page - Fairchild Semiconductor TDC1044AN9C Datasheet HTML 7Page - Fairchild Semiconductor TDC1044AN9C Datasheet HTML 8Page - Fairchild Semiconductor TDC1044AN9C Datasheet HTML 9Page - Fairchild Semiconductor TDC1044AN9C Datasheet HTML 10Page - Fairchild Semiconductor TDC1044AN9C Datasheet HTML 11Page - Fairchild Semiconductor TDC1044AN9C Datasheet HTML 12Page - Fairchild Semiconductor TDC1044AN9C Datasheet HTML 13Page - Fairchild Semiconductor TDC1044AN9C Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TDC1044A
PRODUCT SPECIFICATION
10
Figure 4. Typical Interface Circuit
R12
27
R11
10K
R16
2.2K
D3 (LSB)
VIDEO INPUT
1Vp-p
15
R15
2.2K
R1
37.4
R7
1K
R5
220
C1
10
25V
C3
10
24V
C7
0.1
50V
+5V
CLK
–5.2V
R3
1K
R2
39.2
U4
LM313
R8
2K
10-TURN
"OFFSET"
R9
2K
10-TURN
"GAIN"
C9
0.1
50V
C5
0.1
50V
C6
0.1
50V
C4
10
25V
65-1044A-08
C8
0.1
50V
C12 1–6pF
R4 2K
L1
FERRITE BEAD
INDUCTOR
L2
FERRITE BEAD
INDUCTOR
R6
2K
D2
14
NLINV
7
NMINV
9
R14
2.2K
D1
3
13
NC
R13
2.2K
VCC
VEE
U1
TDC1044A
D0 (MSB)
12
10
8
3
10
4
+
+
+
11
DGND
1
AGND
AGND
DGND
4
RT
8
RM
16
CONV
5
RB
2
14
1
7
6
4
2
3
VIN
+
U2
HA-2539
+
U3
LM741C
C10
0.1
50V
C11
0.1
50V
C2
10
25V


Numéro de pièce similaire - TDC1044AN9C

FabricantNo de pièceFiches techniqueDescription
logo
Cornell Dubilier Electr...
TDC104035NSE-F CDE-TDC104035NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
TDC104035NSE-F CDE-TDC104035NSE-F Datasheet
149Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
TDC104050NSE-F CDE-TDC104050NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
TDC104050NSE-F CDE-TDC104050NSE-F Datasheet
149Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
More results

Description similaire - TDC1044AN9C

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9225ARZ AD-AD9225ARZ Datasheet
914Kb / 25P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
AD9225 AD-AD9225_03 Datasheet
460Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. B
AD9225 AD-AD9225 Datasheet
321Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. A
AD9225 AD-AD9225_15 Datasheet
914Kb / 25P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
logo
Intersil Corporation
HI3304 INTERSIL-HI3304 Datasheet
117Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
August 1997
HI3304 INTERSIL-HI3304_02 Datasheet
289Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
logo
Analog Devices
AD9032 AD-AD9032_15 Datasheet
253Kb / 8P
   12-Bit 25 MSPS A/D Converter
REV. 0
logo
Intersil Corporation
HI1179 INTERSIL-HI1179 Datasheet
117Kb / 14P
   8-Bit, 35 MSPS, Video A/D Converter
August 1997
logo
Cadeka Microcircuits LL...
TMC1175A CADEKA-TMC1175A Datasheet
467Kb / 18P
   Video A/D Converter 8 bit, 40 Msps
logo
Renesas Technology Corp
HI1179 RENESAS-HI1179 Datasheet
721Kb / 15P
   8-Bit, 35 MSPS, Video A/D Converter
October 25, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com