Moteur de recherche de fiches techniques de composants électroniques |
|
SL18860DC Fiches technique(PDF) 5 Page - Silicon Laboratories |
|
SL18860DC Fiches technique(HTML) 5 Page - Silicon Laboratories |
5 / 12 page Rev 1.8, March 16 , 2012 Page 1 of 12 400 West Cesar Chavez, Austin, TX 78701 1+(512) 416-8500 1+(512) 416-9669 www.silabs.com SL18860DC DC Electrical Characteristics (I-Grade) Unless otherwise stated VDD= 2.5V+/- 10% and Operation Temperature Range -40 to +85°C Description Symbol Condition Min Typ Max Unit Operating Voltage VDD Operation range, 2.5V+/-10% 2.25 2.50 2.75 V Operating Temperature TA I-Grade -40 25 85 ºC Input Low Voltage VIL CMOS Level, Pins 3,5, 6 and 7 VSS - 0.3VDD V Input High Voltage VIH CMOS Level, Pins 3,5, 6 and 7 0.7VDD - VDD V Output High Voltage VOH IOH=-4mA , Pins 4, 8, 9 and 10 VDD-0.4 - - V Output Low Voltage VOL IOL=-4mA, Pins 4, 8, 9 and 10 - - 0.4 V Input Leakage Current ILH VIN=VDD, Pins 5, 6 and 7 -30 - 30 μA Input Leakage Current ILL VIN=GND, Pins 5, 6 and 7 -15 - 15 μA Pull-Down Resistor RPD Pins 5, 6 and 7 100 150 250 kΩ Operating Supply Current IDD1 CLKIN=26MHz, OE1=OE2=OE3=1 - 3.0 - mA Operating Supply Current IDD2 OE1=OE2=OE3=0 CLKIN=Low or High - - 1.5 µA Input Capacitance CIN Pins 5, 6 and 7 - 3 5 pF Load Capacitance CL CLKOUT1/2/3, Pins 8, 9 and 10 - 10 20 pF AC Electrical Characteristics (I-Grade) Unless otherwise stated VDD= 2.5V+/- 10% and Operation Temperature Range -40 to +85°C Parameter Symbol Condition Min Typ Max Unit Input Clock Range CLKIN External Clock, CMOS square wave 10 26.000 52 MHz Output Clock Range CLKOUT External Clock, CMOS square wave CLKOUT1/2/3 10 26.000 52 MHz Input Clock Voltage Swing Level VINpp VDD=2.5V, connect to CLKIN directly 1.0 1.2 - V VDD=2.5V, connect to CLKIN through AC coupling and bias circuit 0.6 - - V Input Duty Cycle DCIN CLKIN, Pin 3 30 50 70 % Output Clock Rise Time tr VDD=1.8, CL=10pF, measured from 10 to 90% of VDD, Pins 4, 8, 9 and 10 - 2.0 4.00 ns Output Clock Fall Time tf VDD=1.8, CL=10pF, measured from 10 to 90% of VDD, Pins 4, 8, 9 and 10 - 2.0 4.00 ns Additive Phase Noise APN-1 CLKIN=26MHz and 1 kHz offset CLKOUT1/2/3 - -142 - dBc/Hz |
Numéro de pièce similaire - SL18860DC |
|
Description similaire - SL18860DC |