Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST802RT1B Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce ST802RT1B
Description  10/100 real-time Ethernet 3.3 V transceiver
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST802RT1B Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button ST802RT1B Datasheet HTML 7Page - STMicroelectronics ST802RT1B Datasheet HTML 8Page - STMicroelectronics ST802RT1B Datasheet HTML 9Page - STMicroelectronics ST802RT1B Datasheet HTML 10Page - STMicroelectronics ST802RT1B Datasheet HTML 11Page - STMicroelectronics ST802RT1B Datasheet HTML 12Page - STMicroelectronics ST802RT1B Datasheet HTML 13Page - STMicroelectronics ST802RT1B Datasheet HTML 14Page - STMicroelectronics ST802RT1B Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
ST802RT1A, ST802RT1B
Pin description
Doc ID 17049 Rev 1
11/58
5
Pin description
Table 2.
Pin description of the ST802RT1x
Pin n°
ST802RT1x
Name
Type
Description
1
TX_CLK/LPBK_EN
O, S, PD
MII transmit clock
2
TX_EN
I, PD
MII transmit enable
3
GNDA
Ground
Analog ground
4
VCCA
Supply
Analog power supply
5
TXD0
I
Transmit data (MII/RMII)
6
TXD1
I
Transmit data (MII/RMII)
7
TXD2/SCLK
I
Transmit data (MII), RMII clock (50 Mhz)
8
TXD3/MII_CFG1
I, S, PD
Transmit data (MII) / multi-function pin
9
PWRDWN/MDINT
I, PU, OD
Power-down/management data interrupt
10
RESERVED
I, PD
To be set to digital ground
11
RESERVED
I, PD
To be set to digital ground
12
GND
Ground
Digital ground
13
VCCA
Supply
Analog power supply
14
RXN
I, O
Differential receive inputs
15
RXP
I, O
Differential receive inputs
16
GNDA
Ground
Analog ground
17
TXP
I, O
Differential transmit outputs
18
TXN
I, O
Differential transmit outputs
19
GNDA
Ground
Analog ground
20
GNDA
Ground
Analog ground
21
IREF
I/O
Reference resistor/ DC regulator output (bias resistor)
22
VCCA
Supply
Analog power supply
23
GNDA
Ground
Analog ground
24
VCCA
Supply
Analog power supply
25
RESERVED
-
Not used in the ST802RT1A
SDP
I
Positive signal detect for 100Base-FX operation (ST802RT1B
only)
26
LED_ACT/AN_1
O, S, PU
Activity/full-duplex/collision led
27
LED_SPEED/AN_0
O, S, PU
Speed LED
28
LED_LINK/AN_EN
O, S, PU
Link LED
29
RESET
I
Reset (active-low)
30
MDIO
I/O, PU
Management data input/output
31
MDC
I
Management data clock


Numéro de pièce similaire - ST802RT1B

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST802RT1B STMICROELECTRONICS-ST802RT1B Datasheet
596Kb / 58P
   10/100 real-time Ethernet 3.3 V transceiver
More results

Description similaire - ST802RT1B

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST802RT1B STMICROELECTRONICS-ST802RT1B Datasheet
596Kb / 58P
   10/100 real-time Ethernet 3.3 V transceiver
logo
Red Lion Controls. Inc
ET-DS REDLION-ET-DS Datasheet
494Kb / 2P
   Ethernet Real-Time Device Servers
logo
Analog Devices
FIDO5200 AD-FIDO5200 Datasheet
378Kb / 19P
   Real-Time Ethernet Multiprotocol (REM) Switch
logo
Agere Systems
LU3X34FTR AGERE-LU3X34FTR Datasheet
678Kb / 52P
   Quad 3 V 10/100 Ethernet Transceiver TX/FX
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
   10/100 FAST ETHERNET PHY TRANSCEIVER
logo
Microchip Technology
LAN8820 MICROCHIP-LAN8820 Datasheet
737Kb / 83P
   RGMII 10/100/1000 Ethernet Transceiver
07/14/15
logo
STMicroelectronics
STE101P STMICROELECTRONICS-STE101P Datasheet
103Kb / 5P
   10/100 Fast ethernet 3.3V transceiver
logo
Realtek Semiconductor C...
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_12 Datasheet
1Mb / 79P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG_11 REALTEK-RTL8211E-VB-CG_11_10 Datasheet
1Mb / 77P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211F-CG REALTEK-RTL8211F-CG Datasheet
1Mb / 72P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com