Moteur de recherche de fiches techniques de composants électroniques |
|
LM358DR Fiches technique(PDF) 6 Page - Texas Instruments |
|
|
LM358DR Fiches technique(HTML) 6 Page - Texas Instruments |
6 / 32 page LM158, LM158A, LM258, LM258A LM358, LM358A, LM2904, LM2904V DUAL OPERATIONAL AMPLIFIERS SLOS068R − JUNE 1976 − REVISED JULY 2010 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS† TA‡ LM158 LM258 LM358 UNIT PARAMETER TEST CONDITIONS TA MIN TYP§ MAX MIN TYP§ MAX UNIT V Input offset voltage VCC = 5 V to MAX, V V 25 °C 3 5 3 7 mV VIO Input offset voltage VIC = VICR(min), VO = 1.4 V Full range 7 9 mV a VIO Average temperature coefficient of input offset voltage Full range 7 7 µV/°C I Input offset current V =14V 25 °C 2 30 2 50 nA IIO Input offset current VO = 1.4 V Full range 100 150 nA a I IO Average temperature coefficient of input offset current Full range 10 10 pA/ °C I Input bias current V =14V 25 °C −20 −150 −20 −250 nA IIB Input bias current VO = 1.4 V Full range −300 −500 nA V C Common-mode VCC =5VtoMAX 25 °C 0 to VCC − 1.5 0 to VCC − 1.5 V VICR Common mode input voltage range VCC = 5 V to MAX Full range 0 to VCC − 2 0 to VCC − 2 V RL ≥ 2 kΩ 25 °C VCC − 1.5 VCC − 1.5 V High-level RL ≥ 10 kΩ 25 °C V VOH High level output voltage V = MAX RL = 2 kΩ Full range 26 26 V pg VCC = MAX RL ≥ 10 kΩ Full range 27 28 27 28 VOL Low-level output voltage RL ≤ 10 kΩ Full range 5 20 5 20 mV A Large-signal differential VCC = 15 V, V 1Vto11V 25 °C 50 100 25 100 V/mV AVD differential voltage amplification VO = 1 V to 11 V, RL ≥ 2 kΩ Full range 25 15 V/mV CMRR Common-mode rejection ratio VCC = 5 V to MAX, VIC = VICR(min) 25 °C 70 80 65 80 dB kSVR Supply-voltage rejection ratio ( ∆VDD/∆VIO) VCC = 5 V to MAX 25 °C 65 100 65 100 dB VO1/VO2 Crosstalk attenuation f = 1 kHz to 20 kHz 25 °C 120 120 dB VCC = 15 V, V 1V Source 25 °C −20 −30 −20 −30 I Output current VID = 1 V, VO = 0 Source Full range −10 −10 mA IO Output current VCC = 15 V, V 1V Sink 25 °C 10 20 10 20 mA VID = −1 V, VO = 15 V Sink Full range 5 5 IO Output current VID = −1 V, VO = 200 mV 25 °C 12 30 12 30 µA IOS Short-circuit output current VCC at 5 V, GND at −5 V, VO = 0 25 °C ±40 ±60 ±40 ±60 mA Supply current VO = 2.5 V, No load Full range 0.7 1.2 0.7 1.2 ICC Supply current (two amplifiers) VCC = MAX, VO = 0.5 V, No load Full range 1 2 1 2 mA † All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified. MAX VCC for testing purposes is 26 V for the LM2904 and 30 V for others. ‡ Full range is −55 °C to 125°C for LM158, −25°C to 85°C for LM258, 0°C to 70°C for LM358, and −40°C to 125°C for LM2904. § All typical values are at TA = 25°C. |
Numéro de pièce similaire - LM358DR |
|
Description similaire - LM358DR |