Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4046BF3A Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD4046BF3A
Description  CMOS Micropower Phase-Lockedn Loop
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CD4046BF3A Fiches technique(HTML) 8 Page - Texas Instruments

Back Button CD4046BF3A Datasheet HTML 4Page - Texas Instruments CD4046BF3A Datasheet HTML 5Page - Texas Instruments CD4046BF3A Datasheet HTML 6Page - Texas Instruments CD4046BF3A Datasheet HTML 7Page - Texas Instruments CD4046BF3A Datasheet HTML 8Page - Texas Instruments CD4046BF3A Datasheet HTML 9Page - Texas Instruments CD4046BF3A Datasheet HTML 10Page - Texas Instruments CD4046BF3A Datasheet HTML 11Page - Texas Instruments CD4046BF3A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
25-Sep-2013
Addendum-Page 2
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.
OTHER QUALIFIED VERSIONS OF CD4046B, CD4046B-MIL :
Catalog: CD4046B
Military: CD4046B-MIL
NOTE: Qualified Version Definitions:
Catalog - TI's standard catalog product
Military - QML certified for Military and Defense Applications


Numéro de pièce similaire - CD4046BF3A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD4046BF3A TI-CD4046BF3A Datasheet
322Kb / 12P
[Old version datasheet]   CMOS MICROPOWER PHASE-LOCKED LOOP
CD4046BF3A TI1-CD4046BF3A Datasheet
941Kb / 16P
[Old version datasheet]   CMOS Micropower Phase-Locked Loop
More results

Description similaire - CD4046BF3A

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CD4046BMS INTERSIL-CD4046BMS Datasheet
109Kb / 11P
   CMOS Micropower Phase Locked Loop
December 1992
logo
Texas Instruments
CD4046B TI-CD4046B Datasheet
322Kb / 12P
[Old version datasheet]   CMOS MICROPOWER PHASE-LOCKED LOOP
CD4046B TI1-CD4046B_15 Datasheet
941Kb / 16P
[Old version datasheet]   CMOS Micropower Phase-Locked Loop
logo
STMicroelectronics
HCF4046B STMICROELECTRONICS-HCF4046B_01 Datasheet
705Kb / 12P
   MICROPOWER PHASE-LOCKED LOOP
logo
Micro Electronics
MMC4046 MICRO-ELECTRONICS-MMC4046 Datasheet
306Kb / 8P
   MICROPOWER PHASE LOCKED LOOP
logo
NTE Electronics
NTE980 NTE-NTE980 Datasheet
42Kb / 5P
   Integrated Circuit CMOS, Micropower Phase-Locked Loop (PLL)
logo
National Semiconductor ...
CD4046BC NSC-CD4046BC Datasheet
310Kb / 14P
   Micropower Phase-Locked Loop
logo
Fairchild Semiconductor
CD4046BC FAIRCHILD-CD4046BC Datasheet
185Kb / 14P
   Micropower Phase-Locked Loop
logo
National Semiconductor ...
74VHC4046 NSC-74VHC4046 Datasheet
283Kb / 14P
   CMOS Phase Lock Loop
logo
Fairchild Semiconductor
MM74HC4046 FAIRCHILD-MM74HC4046 Datasheet
250Kb / 17P
   CMOS Phase Lock Loop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com