Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6008V656 Fiches technique(PDF) 2 Page - Littelfuse

No de pièce L6008V656
Description  8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L6008V656 Fiches technique(HTML) 2 Page - Littelfuse

  L6008V656 Datasheet HTML 1Page - Littelfuse L6008V656 Datasheet HTML 2Page - Littelfuse L6008V656 Datasheet HTML 3Page - Littelfuse L6008V656 Datasheet HTML 4Page - Littelfuse L6008V656 Datasheet HTML 5Page - Littelfuse L6008V656 Datasheet HTML 6Page - Littelfuse L6008V656 Datasheet HTML 7Page - Littelfuse L6008V656 Datasheet HTML 8Page - Littelfuse L6008V656 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
76
Revised: June 24, 2011 04:57 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Lxx08xx & Qxx08xx & Qxx08xHx Series
Absolute Maximum Ratings — Sensitive Triac (4 Quadrants)
Symbol
Parameter
Value
Unit
I
T(RMS)
RMS on-state current (full sine wave)
Lxx08Ly
T
C = 80°C
8
A
Lxx08Ry / Lxx08Vy / Lxx08Dy
T
C = 85°C
I
TSM
Non repetitive surge peak on-state current
(full cycle, T
J initial = 25°C)
f = 50 Hz
t = 20 ms
65
A
f = 60 Hz
t = 16.7 ms
85
I2t
I2t Value for fusing
t
p = 8.3 ms
26.5
A2s
di/dt
Critical rate of rise of on-state current
I
G = 50mA with 0.1µs rise time
f = 120 Hz
T
J = 110°C
70
A/μs
I
GTM
Peak gate trigger current
t
p ≤ 10 μs
T
J = 110°C
1.6
A
P
G(AV)
Average gate power dissipation
T
J = 110°C
0.4
W
T
stg
Storage temperature range
-40 to 150
°C
T
J
Operating junction temperature range
-40 to 110
°C
Note: xx = voltage, y = sensitivity
Absolute Maximum Ratings — Standard Triac
Symbol
Parameter
Value
Unit
I
T(RMS)
RMS on-state current (full sine wave)
Qxx08Ry / Qxx08Ny
T
C = 95°C
8
A
Qxx08Ly
T
C = 90°C
I
TSM
Non repetitive surge peak on-state current
(full cycle, T
J initial = 25°C)
f = 50 Hz
t = 20 ms
83
A
f = 60 Hz
t = 16.7 ms
100
I2t
I2t Value for fusing
t
p = 8.3 ms
41
A2s
di/dt
Critical rate of rise of on-state current
I
G = 200mA with ≤ 0.1µs rise time
f = 120 Hz
T
J = 125°C
70
A/μs
I
GTM
Peak gate trigger current
t
p ≤ 10 μs;
I
GT ≤ TGTM
T
J = 125°C
1.8
A
P
G(AV)
Average gate power dissipation
T
J = 125°C
0.5
W
T
stg
Storage temperature range
-40 to 150
°C
T
J
Operating junction temperature range
-40 to 125
°C
Note: xx = voltage, y = sensitivity


Numéro de pièce similaire - L6008V656

FabricantNo de pièceFiches techniqueDescription
logo
Teccor Electronics
L6008V6 TECCOR-L6008V6 Datasheet
168Kb / 8P
   Sensitive Triacs (0.8A to 8A)
logo
Littelfuse
L6008V6 LITTELFUSE-L6008V6 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
logo
Teccor Electronics
L6008V6 TECCOR-L6008V6 Datasheet
178Kb / 8P
   Electrically-isolated packages
logo
Littelfuse
L6008V6 LITTELFUSE-L6008V6 Datasheet
176Kb / 8P
   Sensitive Triacs
L6008V6 LITTELFUSE-L6008V6 Datasheet
176Kb / 8P
   RoHS Compliant
More results

Description similaire - L6008V656

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
Q6008DH3RP LITTELFUSE-Q6008DH3RP Datasheet
435Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
LJXX08XX LITTELFUSE-LJXX08XX Datasheet
497Kb / 8P
   8 Amp High Temperature Sensitive & Alternistor (High Commutation) Triacs
Q4025K6TP LITTELFUSE-Q4025K6TP Datasheet
1,005Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q4025N5RP LITTELFUSE-Q4025N5RP Datasheet
320Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q6025J6TP LITTELFUSE-Q6025J6TP Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
LJXX06XX LITTELFUSE-LJXX06XX Datasheet
554Kb / 8P
   6 Amp High Temp Sensitive & Alternistor (High Commutation) Triacs
Q6016LH651 LITTELFUSE-Q6016LH651 Datasheet
974Kb / 9P
   15 Amp Standard & 16 Amp Alternistor (High Commutation) Triacs
LJ6008D8RP LITTELFUSE-LJ6008D8RP Datasheet
537Kb / 11P
   8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Revised: GD. 05/07/21
Q6040K7TP LITTELFUSE-Q6040K7TP Datasheet
741Kb / 7P
   Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
Q6040J7TP LITTELFUSE-Q6040J7TP Datasheet
703Kb / 7P
   Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com