Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI9430DY Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce SI9430DY
Description  Single P-Channel Enhancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SI9430DY Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  SI9430DY Datasheet HTML 1Page - Fairchild Semiconductor SI9430DY Datasheet HTML 2Page - Fairchild Semiconductor SI9430DY Datasheet HTML 3Page - Fairchild Semiconductor SI9430DY Datasheet HTML 4Page - Fairchild Semiconductor SI9430DY Datasheet HTML 5Page - Fairchild Semiconductor SI9430DY Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SOIC(8lds) Packaging
Configuration: Figure 1.0
Components
Leader Tape
1680mm minimum or
210 empty pockets
Trailer Tape
640mm minimum or
80 empty pockets
SOIC(8lds) Tape Leader and Trailer
Configuration: Figure 2.0
Cover Tape
Carrier Tape
Note/Comments
Packaging Option
SOIC (8lds) Packaging Information
Standard
(no flow code)
L86Z
F011
Packaging type
Reel Size
TNR
13" Dia
Rail/Tube
-
TNR
13" Dia
Qty per Reel/Tube/Bag
2,500
95
4,000
Box Dimension (mm)
343x64x343
530x130x83
343x64x343
Max qty per Box
5,000
30,000
8,000
D84Z
TNR
7" Dia
500
184x187x47
1,000
Weight per unit (gm)
0.0774
0.0774
0.0774
0.0774
Weight per Reel (kg)
0.6060
-
0.9696
0.1182
F63TN Label
ESD Label
343mm x 342mm x 64mm
Standard Intermediate box
ESD Label
F63TNR Label sample
F63TNLabel
LOT: CBVK741B019
FSID: FDS9953A
D/C1: D9842
QTY1:
SPEC REV:
SPEC:
QTY: 2500
D/C2:
QTY2:
CPN:
N/F: F
(F63TNR)3
F852
NDS
9959
SOIC-8 Unit Orientation
Pin 1
Static Dissipative
Embossed Carrier Tape
F63TNR
Label
Antistatic Cover Tape
ESD Label
EL ECTRO STATIC
SEN SIT IVE DEVI CES
DO NO T SHI P OR STO RE N EAR ST RO NG EL ECT ROST AT IC
EL ECT RO M AGN ETI C, M AG NET IC O R R ADIO ACT IVE FI ELD S
TNR DATE
PT NUMB ER
PEEL STREN GTH MIN ___ __ ____ __ ___gms
MAX ___ ___ ___ ___ _ gms
Customized
Label
Packaging Description:
SOIC-8 parts are shipped in tape. The carrier tape is
made from a dissipative (carbon filled) polycarbonate
resin. The cover tape is a multilayer film (Heat Activated
Adhesive in nature) primarily composed of polyester film,
adhesive layer, sealant, and anti-static sprayed agent.
These reeled parts in standard option are shipped with
2,500 units per 13" or 330cm diameter reel. The reels are
dark blue in color and is made of polystyrene plastic (anti-
static coated). Other option comes in 500 units per 7" or
177cm diameter reel. This and some other options are
further described in the Packaging Information table.
These full reels are individually barcode labeled and
placed inside a standard intermediate box (illustrated in
figure 1.0) made of recyclable corrugated brown paper.
One box contains two reels maximum. And these boxes
are placed inside a barcode labeled shipping box which
comes in different sizes depending on the number of parts
shipped.
SO-8 Tape and Reel Data and Package Dimensions
July 1999, Rev. B


Numéro de pièce similaire - SI9430DY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9430DY VISHAY-SI9430DY Datasheet
267Kb / 3P
   P-Channel 30-V (D-S) MOSFET
01-Jun-04
logo
VBsemi Electronics Co.,...
SI9430DY-T1-E3 VBSEMI-SI9430DY-T1-E3 Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Description similaire - SI9430DY

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
DMP3015LSS DIODES-DMP3015LSS_15 Datasheet
264Kb / 5P
   SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3020LSS DIODES-DMP3020LSS_15 Datasheet
251Kb / 6P
   SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2022LSS DIODES-DMP2022LSS Datasheet
126Kb / 5P
   SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3035LSS DIODES-DMP3035LSS Datasheet
175Kb / 5P
   SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2066LSS DIODES-DMP2066LSS Datasheet
161Kb / 4P
   SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
logo
HUAYI MICROELECTRONICS ...
HYG110P04LQ1C2 HUAYI-HYG110P04LQ1C2 Datasheet
837Kb / 10P
   Single P-Channel Enhancement Mode MOSFET
HY15P03C2 HUAYI-HY15P03C2 Datasheet
2Mb / 9P
   Single P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP3035LSS DIODES-DMP3035LSS_17 Datasheet
647Kb / 6P
   SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
logo
HUAYI MICROELECTRONICS ...
HYG065P03LQ1C2 HUAYI-HYG065P03LQ1C2 Datasheet
1Mb / 9P
   Single P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP3015LSSQ DIODES-DMP3015LSSQ Datasheet
447Kb / 7P
   SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2022LSS DIODES-DMP2022LSS_17 Datasheet
474Kb / 6P
   SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com