Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4963DY Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce SI4963DY
Description  Dual P-Channel 2.5V Specified PowerTrench MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SI4963DY Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  SI4963DY Datasheet HTML 1Page - Fairchild Semiconductor SI4963DY Datasheet HTML 2Page - Fairchild Semiconductor SI4963DY Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Si4963DY Rev A(W)
Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V, ID = –250
µA
–20
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = –250
µA, Referenced to 25°C
–16
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = –16 V,
VGS = 0 V
–1
µA
IGSSF
Gate–Body Leakage, Forward
VGS = –12 V,
VDS = 0 V
–100
nA
IGSSR
Gate–Body Leakage, Reverse
VGS = 12 V,
VDS = 0 V
100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = –250
µA
–0.6
–1.0
–1.5
V
∆VGS(th)
∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = –250
µA, Referenced to 25°C
3
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = –4.5 V,
ID = –6.2 A
VGS = –2.5 V,
ID = –5 A
VGS = –4.5 V, ID = –6.2A,
TJ=125
°C
23
34
45
33
50
56
m
ID(on)
On–State Drain Current
VGS = –4.5 V,
VDS = –5 V
–15
A
gFS
Forward Transconductance
VDS = –5 V,
ID = –6.2 A
19
S
Dynamic Characteristics
Ciss
Input Capacitance
1456
pF
Coss
Output Capacitance
300
pF
Crss
Reverse Transfer Capacitance
VDS = –10 V,
V GS = 0 V,
f = 1.0 MHz
150
pF
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
15
27
ns
tr
Turn–On Rise Time
11
20
ns
td(off)
Turn–Off Delay Time
57
91
ns
tf
Turn–Off Fall Time
VDD = –10 V,
ID = –1 A,
VGS = –4.5 V,
RGEN = 6
37
59
ns
Qg
Total Gate Charge
14
20
nC
Qgs
Gate–Source Charge
3
nC
Qgd
Gate–Drain Charge
VDS = –10 V,
ID = –6.2 A,
VGS = –4.5 V
5
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
–1.3
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = –1.3 A
(Note 2)
–0.7
-1.2
V
Notes:
1. RθJAis the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCAis determined by the user's board design.
a)
78°C/W when
mounted on a
0.5in
2 pad of 2
oz copper
b)
125°C/W when
mounted on a
0.02 in
2 pad of
2 oz copper
c)
135°C/W when
mounted on a
minimum pad.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%


Numéro de pièce similaire - SI4963DY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4963BDY VISHAY-SI4963BDY Datasheet
71Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. A, 16-Feb-04
SI4963BDY VISHAY-SI4963BDY Datasheet
163Kb / 8P
   Dual P-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
SI4963BDY-T1 VISHAY-SI4963BDY-T1 Datasheet
71Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. A, 16-Feb-04
logo
VBsemi Electronics Co.,...
SI4963BDY-T1-E3 VBSEMI-SI4963BDY-T1-E3 Datasheet
1Mb / 8P
   Dual P-Channel 20V (D-S) MOSFET
logo
Vishay Siliconix
SI4963BDY VISHAY-SI4963BDY_07 Datasheet
71Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. A, 16-Feb-04
More results

Description similaire - SI4963DY

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDC6306P FAIRCHILD-FDC6306P Datasheet
235Kb / 8P
   Dual P-Channel 2.5V Specified PowerTrench??MOSFET
USB10H FAIRCHILD-USB10H Datasheet
241Kb / 8P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDW2502P FAIRCHILD-FDW2502P_03 Datasheet
145Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDW2504P FAIRCHILD-FDW2504P_02 Datasheet
121Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
SI9934DY FAIRCHILD-SI9934DY Datasheet
52Kb / 3P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDW2502PZ FAIRCHILD-FDW2502PZ Datasheet
87Kb / 6P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDS9933 FAIRCHILD-FDS9933 Datasheet
94Kb / 3P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDW2504P KEXIN-KDW2504P Datasheet
63Kb / 2P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
logo
Fairchild Semiconductor
FDS9933 FAIRCHILD-FDS9933_06 Datasheet
372Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDS6815 FAIRCHILD-FDS6815 Datasheet
231Kb / 6P
   Dual P-Channel 2.5V Specified PowerTrench??MOSFET
FDW2506P FAIRCHILD-FDW2506P Datasheet
93Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com