Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS5100IPW Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS5100IPW
Description  TRIPLE-CHANNEL PWM CONTROL CIRCUITS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5100IPW Fiches technique(HTML) 5 Page - Texas Instruments

  TPS5100IPW Datasheet HTML 1Page - Texas Instruments TPS5100IPW Datasheet HTML 2Page - Texas Instruments TPS5100IPW Datasheet HTML 3Page - Texas Instruments TPS5100IPW Datasheet HTML 4Page - Texas Instruments TPS5100IPW Datasheet HTML 5Page - Texas Instruments TPS5100IPW Datasheet HTML 6Page - Texas Instruments TPS5100IPW Datasheet HTML 7Page - Texas Instruments TPS5100IPW Datasheet HTML 8Page - Texas Instruments TPS5100IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TPS5100
TRIPLE-CHANNEL PWM CONTROL CIRCUITS
SLVS169 – JANUARY 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
REFERENCE VOLTAGE
vs
FREE-AIR TEMPERATURE
–50
0
100
150
TA – Free-Air Temperature – °C
50
VCC = 3.3 V
IO = –1 mA
1.26
1.24
1.22
1.27
1.25
1.23
Figure 2
INPUT THRESHOLD VOLTAGE (UVLO)
vs
FREE-AIR TEMPERATURE
–50
0
100
150
TA – Free-Air Temperature – °C
50
VCC = 3.3 V
2.4
2.2
2
2.5
2.3
2.1
Figure 3
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
–50
0
100
150
TA – Free-Air Temperature – °C
50
VCC = 3.3 V
4
2
0
5
3
1
ICCA
ICC
Figure 4
SOURCE CURRENT
vs
FREE-AIR TEMPERATURE
–50
0
100
150
TA – Free-Air Temperature – °C
50
VCC = 3.3 V
–2.2
–2.6
–1.8
–2
–2.4


Numéro de pièce similaire - TPS5100IPW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS5100 TI-TPS5100 Datasheet
165Kb / 11P
[Old version datasheet]   TRIPLE-CHANNEL PWM CONTROL CIRCUITS
TPS5100PW TI-TPS5100PW Datasheet
165Kb / 11P
[Old version datasheet]   TRIPLE-CHANNEL PWM CONTROL CIRCUITS
More results

Description similaire - TPS5100IPW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS5100 TI-TPS5100 Datasheet
165Kb / 11P
[Old version datasheet]   TRIPLE-CHANNEL PWM CONTROL CIRCUITS
logo
Advanced Analogic Techn...
AAT1100 ANALOGICTECH-AAT1100 Datasheet
473Kb / 15P
   TRIPLE-CHANNEL PWM CONTROLLER
logo
Shenzhen Huazhimei Semi...
HM3136 HMSEMI-HM3136 Datasheet
820Kb / 7P
   PWM CONVERTER CONTROL CIRCUITS
logo
E-Tech Electronics LTD
UC3842A-3843A ETL-UC3842A-3843A Datasheet
308Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
Wuxi Youda electronics ...
YD3842 YOUDA-YD3842 Datasheet
84Kb / 4P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
List of Unclassifed Man...
UTC3843D ETC-UTC3843D Datasheet
80Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
2006.07.11
logo
Wuxi Youda electronics ...
YD3843 YOUDA-YD3843 Datasheet
85Kb / 4P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
Unisonic Technologies
UC3842A UTC-UC3842A_17 Datasheet
286Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
UC3842A UTC-UC3842A_11 Datasheet
270Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
UTCUC3842A UTC-UTCUC3842A Datasheet
114Kb / 7P
   CURRENT MODE PWM CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com