Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4542D Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce SI4542D
Description  30V Complementary PowerTrench MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SI4542D Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  SI4542D Datasheet HTML 1Page - Fairchild Semiconductor SI4542D Datasheet HTML 2Page - Fairchild Semiconductor SI4542D Datasheet HTML 3Page - Fairchild Semiconductor SI4542D Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
January 2001
2001 Fairchild Semiconductor International
Si4542DY Rev A
Si4542DY
30V Complementary PowerTrench
MOSFET
General Description
This complementary MOSFET device is produced using
Fairchild’s advanced PowerTrench process that has
been especially tailored to minimize the on-state
resistance and yet maintain low gate charge for
superior switching performance.
Applications
• DC/DC converter
• Power management
Features
Q1: N-Channel
6 A, 30 V
R
DS(on) = 28 mΩ @ VGS = 10V
R
DS(on) = 35 mΩ @ VGS = 4.5V
Q2: P-Channel
–6 A, –30 V
R
DS(on) = 32 mΩ @ VGS = –10V
R
DS(on) = 45 mΩ @ VGS = –4.5V
S
D
S
S
SO-8
D
D
D
G
D1
D1
D2
D2
S1
G1
S2
G2
Pin 1
SO-8
4
3
2
1
5
6
7
8
Q1
Q2
Absolute Maximum Ratings T
A
= 25°C unless otherwise noted
Symbol
Parameter
Q1
Q2
Units
VDSS
Drain-Source Voltage
30
–30
V
VGSS
Gate-Source Voltage
±20
±20
V
ID
Drain Current
- Continuous
(Note 1a)
6–6
A
- Pulsed
20
–20
PD
Power Dissipation for Dual Operation
2
W
Power Dissipation for Single Operation
(Note 1a)
1.6
(Note 1b)
1.2
(Note 1c)
1
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +175
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
78
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
40
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
4542
Si4542DY
13”
12mm
2500 units


Numéro de pièce similaire - SI4542D

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4542DY VISHAY-SI4542DY Datasheet
121Kb / 7P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. G, 18-May-09
SI4542DY VISHAY-SI4542DY Datasheet
120Kb / 7P
   N- and P-Channel 30-V (D-S) MOSFET
01-Jan-2022
Si4542DY-T1-E3 VISHAY-Si4542DY-T1-E3 Datasheet
261Kb / 10P
   N-and P-Channel 30-V (D-S) MOSFET
Rev. G, 18-May-09
logo
VBsemi Electronics Co.,...
SI4542DY-T1-E3 VBSEMI-SI4542DY-T1-E3 Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SI4542DY-T1-GE3 VISHAY-SI4542DY-T1-GE3 Datasheet
261Kb / 10P
   N-and P-Channel 30-V (D-S) MOSFET
Rev. G, 18-May-09
More results

Description similaire - SI4542D

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
KI4542DY KEXIN-KI4542DY Datasheet
77Kb / 3P
   30V Complementary PowerTrench MOSFET
logo
Fairchild Semiconductor
FDW2521C FAIRCHILD-FDW2521C Datasheet
149Kb / 8P
   Complementary PowerTrench MOSFET
FDC6020C FAIRCHILD-FDC6020C Datasheet
211Kb / 9P
   Complementary PowerTrench MOSFET
logo
ON Semiconductor
FDME1034CZT ONSEMI-FDME1034CZT Datasheet
316Kb / 12P
   MOSFET - Complementary, POWERTRENCH
October, 2019 ??Rev. 1
logo
Fairchild Semiconductor
FDW2520C FAIRCHILD-FDW2520C Datasheet
124Kb / 8P
   Complementary PowerTrench MOSFET
FDW2520C FAIRCHILD-FDW2520C_08 Datasheet
398Kb / 8P
   Complementary PowerTrench MOSFET
FDW2521C FAIRCHILD-FDW2521C_08 Datasheet
268Kb / 8P
   Complementary PowerTrench MOSFET
FDJ1032C FAIRCHILD-FDJ1032C_08 Datasheet
7Mb / 9P
   Complementary PowerTrench MOSFET
FDJ1032C FAIRCHILD-FDJ1032C Datasheet
650Kb / 9P
   Complementary PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDW2521C KEXIN-KDW2521C Datasheet
70Kb / 3P
   Complementary PowerTrench MOSFET
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com