Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4822DY Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce SI4822DY
Description  Single N-Channel, Logic Level, PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SI4822DY Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  SI4822DY Datasheet HTML 1Page - Fairchild Semiconductor SI4822DY Datasheet HTML 2Page - Fairchild Semiconductor SI4822DY Datasheet HTML 3Page - Fairchild Semiconductor SI4822DY Datasheet HTML 4Page - Fairchild Semiconductor SI4822DY Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Si4822DY Rev.A
0.05
0.1
0.5
1
2
5
10
30
50
0.01
0.1
1
3
10
30
100
V
, DRAIN-SOURCE VOLTAGE (V)
RDS(ON)
LIMIT
A
DC
DS
1s
100ms
10ms
1ms
10s
V
=10V
SINGLE PULSE
R
= 125°C/W
T
= 25°C
θJA
GS
A
100us
0.001
0.01
0.1
1
10
100 300
0
10
20
30
40
50
SINGLE PULSE TIME (SEC)
SINGLE PULSE
R
=125°C/W
T = 25°C
θJA
A
Figure 10. Single Pulse Maximum Power
Dissipation.
0.1
0.2
0.5
1
2
5
10
30
100
200
400
1000
2000
4000
V
, DRAIN TO SOURCE VOLTAGE (V)
DS
Ciss
f = 1 MHz
V
= 0 V
GS
Coss
Crss
Figure 8. Capacitance Characteristics.
Figure 7. Gate Charge Characteristics.
Figure 9. Maximum Safe Operating Area.
Typical Electrical And Thermal Characteristics
0.0001
0.001
0.01
0.1
1
10
100
300
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIME (sec)
1
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
Duty Cycle, D = t /t
1
2
R
(t) = r(t) * R
R
= 125°C/W
θJA
θJA
θJA
T - T
= P * R
(t)
θJA
A
J
P(pk)
t1
t 2
Figure 11. Transient Thermal Response Curve .
Thermal characterization performed using the conditions described in Note 1c.
Transient thermal response will change depending on the circuit board design.
0
10
20
30
40
50
60
0
2
4
6
8
10
Q
, GATE CHARGE (nC)
g
I
= 12.5A
D
V
= 5V
DS
15V
10V


Numéro de pièce similaire - SI4822DY

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI4822 SILABS-SI4822 Datasheet
1Mb / 38P
   Si4822/26/27/40/44 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4822 SILABS-SI4822 Datasheet
1Mb / 42P
   Si4822/26/27/40/44-DEMO BOARD TEST PROCEDURE
SI4822 SILABS-SI4822 Datasheet
1Mb / 71P
   Si48XX ATDD PROGRAMMING GUIDE
SI4822-A10 SILABS-SI4822-A10 Datasheet
1Mb / 24P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
SI4822-DEMO SILABS-SI4822-DEMO Datasheet
1Mb / 18P
   Si4822/26 DEMO BOARD USERS GUIDE
More results

Description similaire - SI4822DY

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS6680A FAIRCHILD-FDS6680A Datasheet
102Kb / 5P
   Single N-Channel, Logic Level, PowerTrench MOSFET
FDC655BN FAIRCHILD-FDC655BN Datasheet
528Kb / 6P
   Single N-Channel, Logic Level, PowerTrench MOSFET
FDR4420A FAIRCHILD-FDR4420A_07 Datasheet
67Kb / 5P
   Single N-Channel, Logic Level, PowerTrench MOSFET
SI4410DY FAIRCHILD-SI4410DY Datasheet
239Kb / 3P
   Single N-Channel Logic Level PowerTrench MOSFET
FDS6670A FAIRCHILD-FDS6670A_03 Datasheet
138Kb / 5P
   Single N-Channel, Logic Level, PowerTrench MOSFET
FDM6296 FAIRCHILD-FDM6296 Datasheet
471Kb / 6P
   Single N-Channel, Logic-Level, PowerTrench MOSFET
FDS4410A FAIRCHILD-FDS4410A Datasheet
112Kb / 5P
   Single N-Channel, Logic-Level, PowerTrench MOSFET
SI4412DY FAIRCHILD-SI4412DY Datasheet
267Kb / 3P
   Single N-Channel Logic Level PowerTrench MOSFET
FDS6612A FAIRCHILD-FDS6612A_03 Datasheet
164Kb / 7P
   Single N-Channel, Logic-Level, PowerTrench MOSFET
FDT461N FAIRCHILD-FDT461N Datasheet
267Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com