Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC847CM Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce BC847CM
Description  45 V, 100 mA NPN general-purpose transistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC847CM Fiches technique(HTML) 4 Page - NXP Semiconductors

  BC847CM Datasheet HTML 1Page - NXP Semiconductors BC847CM Datasheet HTML 2Page - NXP Semiconductors BC847CM Datasheet HTML 3Page - NXP Semiconductors BC847CM Datasheet HTML 4Page - NXP Semiconductors BC847CM Datasheet HTML 5Page - NXP Semiconductors BC847CM Datasheet HTML 6Page - NXP Semiconductors BC847CM Datasheet HTML 7Page - NXP Semiconductors BC847CM Datasheet HTML 8Page - NXP Semiconductors BC847CM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
BC847_BC547_SER_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 10 December 2008
4 of 15
NXP Semiconductors
BC847/BC547 series
45 V, 100 mA NPN general-purpose transistors
[1]
/DG: halogen-free
[2]
Also available in SOT54 and SOT54 variant packages (see Section 2 and Section 9).
4.
Marking
[1]
/DG: halogen-free
[2]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
BC847T
SC-75
plastic surface-mounted package; 3 leads
SOT416
BC847AT
BC847AT/DG
BC847BT
BC847CT
BC847AM
SC-101
leadless ultra small plastic package; 3 solder lands;
body 1.0
× 0.6 × 0.5 mm
SOT883
BC847BM
BC847CM
BC547[2]
SC-43A
plastic single-ended leaded (through hole) package;
3 leads
SOT54
BC547B[2]
BC547C[2]
Table 4.
Ordering information …continued
Type number[1]
Package
Name
Description
Version
Table 5.
Marking codes
Type number[1]
Marking code[2]
Type number[1]
Marking code[2]
BC847
1H*
BC847AT
1E
BC847A
1E*
BC847AT/DG
B5
BC847B
1F*
BC847BT
1F
BC847B/DG
*BC
BC847CT
1G
BC847C
1G*
BC847AM
D4
BC847W
1H*
BC847BM
D5
BC847AW
1E*
BC847CM
D6
BC847BW
1F*
BC547
C547
BC847BW/DG
G9*
BC547B
C547B
BC847CW
1G*
BC547C
C547C
BC847T
1N
-
-


Numéro de pièce similaire - BC847CM

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BC847CM PHILIPS-BC847CM Datasheet
84Kb / 13P
   45 V, 100 mA NPN general-purpose transistors
Rev. 8-20 August 2012
BC847CM PHILIPS-BC847CM Datasheet
89Kb / 10P
   NPN general purpose transistors
2004 Mar 10
BC847CM NXP-BC847CM Datasheet
104Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
BC847CM PHILIPS-BC847CM Datasheet
131Kb / 18P
   45 V, 100 mA NPN general-purpose transistors
Rev. 8-20 August 2012
logo
Nexperia B.V. All right...
BC847CM NEXPERIA-BC847CM Datasheet
228Kb / 11P
   45 V, 100 mA NPN general-purpose transistors
Rev. 13 - 1 July 2022
More results

Description similaire - BC847CM

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BC847 NXP-BC847 Datasheet
96Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
BC847XMB NXP-BC847XMB Datasheet
349Kb / 14P
   45 V, 100 mA NPN general-purpose transistors
Rev. 1-5 March 2012
logo
Nexperia B.V. All right...
BC847XMB_SER NEXPERIA-BC847XMB_SER Datasheet
1,007Kb / 14P
   45 V, 100 mA NPN general-purpose transistors
Rev. 1 - 5 March 2012
logo
NXP Semiconductors
BC847B.235 NXP-BC847B.235 Datasheet
104Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
BC847 PHILIPS-BC847 Datasheet
131Kb / 18P
   45 V, 100 mA NPN general-purpose transistors
Rev. 8-20 August 2012
logo
Nexperia B.V. All right...
BC847XW_SER NEXPERIA-BC847XW_SER Datasheet
233Kb / 12P
   45 V, 100 mA NPN general-purpose transistors
Rev. 13 - 1 July 2022
BC847XM_SER NEXPERIA-BC847XM_SER Datasheet
228Kb / 11P
   45 V, 100 mA NPN general-purpose transistors
Rev. 13 - 1 July 2022
logo
NXP Semiconductors
BC847B.215 NXP-BC847B.215 Datasheet
104Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
logo
Nexperia B.V. All right...
BC847XQA NEXPERIA-BC847XQA Datasheet
1Mb / 15P
   45 V, 100 mA NPN general-purpose transistors
BC847X-Q_SER NEXPERIA-BC847X-Q_SER Datasheet
226Kb / 12P
   45 V, 100 mA NPN general-purpose transistors
Rev. 2 - 24 June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com