Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC125ABQ Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce 74LVC125ABQ
Description  Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC125ABQ Fiches technique(HTML) 5 Page - NXP Semiconductors

  74LVC125ABQ Datasheet HTML 1Page - NXP Semiconductors 74LVC125ABQ Datasheet HTML 2Page - NXP Semiconductors 74LVC125ABQ Datasheet HTML 3Page - NXP Semiconductors 74LVC125ABQ Datasheet HTML 4Page - NXP Semiconductors 74LVC125ABQ Datasheet HTML 5Page - NXP Semiconductors 74LVC125ABQ Datasheet HTML 6Page - NXP Semiconductors 74LVC125ABQ Datasheet HTML 7Page - NXP Semiconductors 74LVC125ABQ Datasheet HTML 8Page - NXP Semiconductors 74LVC125ABQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
74LVC125A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 7 — 11 April 2013
5 of 16
NXP Semiconductors
74LVC125A
Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
9.
Static characteristics
[1]
All typical values are measured at VCC = 3.3 V (unless stated otherwise) and Tamb =25 C.
Table 6.
Static characteristics
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
VIH
HIGH-level
input voltage
VCC = 1.2 V
1.08
-
-
1.08
-
V
VCC = 1.65 V to 1.95 V
0.65
 V
CC
-
-
0.65
 V
CC
-V
VCC = 2.3 V to 2.7 V
1.7
-
-
1.7
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
2.0
-
V
VIL
LOW-level input
voltage
VCC = 1.2 V
-
-
0.12
-
0.12
V
VCC = 1.65 V to 1.95 V
-
-
0.35
 V
CC
-
0.35
 V
CC V
VCC = 2.3 V to 2.7 V
-
-
0.7
-
0.7
V
VCC = 2.7 V to 3.6 V
-
-
0.8
-
0.8
V
VOH
HIGH-level
output voltage
VI =VIH or VIL
IO = 100 A;
VCC =1.65Vto3.6V
VCC  0.2
-
-
VCC  0.3
-
V
IO = 4mA; VCC = 1.65 V
1.2
-
-
1.05
-
V
IO = 8mA; VCC = 2.3 V
1.8
-
-
1.65
-
V
IO = 12 mA; VCC = 2.7 V
2.2
-
-
2.05
-
V
IO = 18 mA; VCC = 3.0 V
2.4
-
-
2.25
-
V
IO = 24 mA; VCC = 3.0 V
2.2
-
-
2.0
-
V
VOL
LOW-level
output voltage
VI =VIH or VIL
IO = 100 A;
VCC = 1.65 V to 3.6 V
--
0.2
-
0.3
V
IO =4mA; VCC = 1.65 V
-
-
0.45
-
0.65
V
IO =8mA; VCC = 2.3 V
-
-
0.6
-
0.8
V
IO =12mA; VCC = 2.7 V
-
-
0.4
-
0.6
V
IO =24mA; VCC = 3.0 V
-
-
0.55
-
0.8
V
II
input leakage
current
VCC = 3.6 V; VI =5.5 V orGND
-
0.1
5-
20
A
IOZ
OFF-state
output current
VI =VIH or VIL; VCC =3.6 V;
VO =5.5 V orGND
-
0.1
5-
20
A
IOFF
power-off
leakage current
VCC = 0.0 V; VI or VO =5.5 V
-
0.1
10
-
20
A
ICC
supply current
VCC = 3.6 V; VI =VCC or GND;
IO =0A
-0.1
10
-
40
A
I
CC
additional
supply current
per input pin; VI =VCC  0.6 V;
IO =0A; VCC = 2.7 V to 3.6 V
-
5
500
-
5000
A
CI
input
capacitance
VCC = 0 V to 3.6 V;
VI =GND to VCC
-4.0
-
-
-
pF


Numéro de pièce similaire - 74LVC125ABQ

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74LVC125ABQ NEXPERIA-74LVC125ABQ Datasheet
248Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 9 - 17 September 2021
74LVC125ABQ-Q100 NEXPERIA-74LVC125ABQ-Q100 Datasheet
709Kb / 15P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
More results

Description similaire - 74LVC125ABQ

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74LVC126A-Q100 NEXPERIA-74LVC126A-Q100 Datasheet
236Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
74LVC125A-Q100 NEXPERIA-74LVC125A-Q100 Datasheet
709Kb / 15P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
74LVC125A NEXPERIA-74LVC125A Datasheet
248Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 9 - 17 September 2021
74LVC126A NEXPERIA-74LVC126A Datasheet
249Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 11 - 20 September 2021
logo
NXP Semiconductors
74LVC126A PHILIPS-74LVC126A Datasheet
115Kb / 20P
   Quad buffer/line driver with 5 Volt tolerant input/outputs; 3-state
2003 Feb 28
74LVC125A PHILIPS-74LVC125A Datasheet
94Kb / 10P
   Quad buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Apr 28
logo
Nexperia B.V. All right...
74LVC541A NEXPERIA-74LVC541A Datasheet
253Kb / 13P
   Octal buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 6 - 27 August 2021
74LVC541A-Q100 NEXPERIA-74LVC541A-Q100 Datasheet
713Kb / 16P
   Octal buffer/line driver with 5 V tolerant inputs/outputs;3-state
logo
NXP Semiconductors
74LVC244A PHILIPS-74LVC244A_03 Datasheet
103Kb / 17P
   Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
2003 Oct 30
74LVC2G241 PHILIPS-74LVC2G241 Datasheet
103Kb / 18P
   Dual buffer/line driver with 5 V tolerant inputs/outputs; 3-state
2005 Feb 02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com