Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC125APW Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce 74LVC125APW
Description  Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC125APW Fiches technique(HTML) 4 Page - NXP Semiconductors

  74LVC125APW Datasheet HTML 1Page - NXP Semiconductors 74LVC125APW Datasheet HTML 2Page - NXP Semiconductors 74LVC125APW Datasheet HTML 3Page - NXP Semiconductors 74LVC125APW Datasheet HTML 4Page - NXP Semiconductors 74LVC125APW Datasheet HTML 5Page - NXP Semiconductors 74LVC125APW Datasheet HTML 6Page - NXP Semiconductors 74LVC125APW Datasheet HTML 7Page - NXP Semiconductors 74LVC125APW Datasheet HTML 8Page - NXP Semiconductors 74LVC125APW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
74LVC125A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 7 — 11 April 2013
4 of 16
NXP Semiconductors
74LVC125A
Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
7.
Limiting values
[1]
The minimum input voltage ratings may be exceeded if the input current ratings are observed.
[2]
The output voltage ratings may be exceeded if the output current ratings are observed.
[3]
For SO14 packages: above 70
C derate linearly with 8 mW/K.
For (T)SSOP14 packages: above 60
C derate linearly with 5.5 mW/K.
For DHVQFN14 packages: above 60
C derate linearly with 4.5 mW/K.
8.
Recommended operating conditions
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+6.5
V
IIK
input clamping current
VI < 0 V
50
-
mA
VI
input voltage
[1]
0.5
+6.5
V
IOK
output clamping current
VO > VCC or VO < 0 V
-
50
mA
VO
output voltage
output HIGH or LOW-state
[2]
0.5
VCC + 0.5
V
output 3-state
[2]
0.5
+6.5
V
IO
output current
VO = 0 V to VCC
-
50
mA
ICC
supply current
-
100
mA
IGND
ground current
100
-
mA
Ptot
total power dissipation
Tamb = 40 C to +125 C
[3] -500
mW
Tstg
storage temperature
65
+150
C
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
1.65
-
3.6
V
functional
1.2
-
-
V
VI
input voltage
0
-
5.5
V
VO
output voltage
output HIGH or LOW state
0
-
VCC
V
output 3-state
0
-
5.5
V
Tamb
ambient temperature
40
-
+125
C
t/V
input transition rise and
fall rate
VCC = 2.3 V to 2.7 V
0
-
20
ns/V
VCC = 2.7 V to 3.6 V
0
-
10
ns/V


Numéro de pièce similaire - 74LVC125APW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC125APW PHILIPS-74LVC125APW Datasheet
94Kb / 10P
   Quad buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Apr 28
logo
Nexperia B.V. All right...
74LVC125APW NEXPERIA-74LVC125APW Datasheet
248Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 9 - 17 September 2021
74LVC125APW-Q100 NEXPERIA-74LVC125APW-Q100 Datasheet
709Kb / 15P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
More results

Description similaire - 74LVC125APW

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74LVC126A-Q100 NEXPERIA-74LVC126A-Q100 Datasheet
236Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
74LVC125A-Q100 NEXPERIA-74LVC125A-Q100 Datasheet
709Kb / 15P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
74LVC125A NEXPERIA-74LVC125A Datasheet
248Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 9 - 17 September 2021
74LVC126A NEXPERIA-74LVC126A Datasheet
249Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 11 - 20 September 2021
logo
NXP Semiconductors
74LVC126A PHILIPS-74LVC126A Datasheet
115Kb / 20P
   Quad buffer/line driver with 5 Volt tolerant input/outputs; 3-state
2003 Feb 28
74LVC125A PHILIPS-74LVC125A Datasheet
94Kb / 10P
   Quad buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Apr 28
logo
Nexperia B.V. All right...
74LVC541A NEXPERIA-74LVC541A Datasheet
253Kb / 13P
   Octal buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 6 - 27 August 2021
74LVC541A-Q100 NEXPERIA-74LVC541A-Q100 Datasheet
713Kb / 16P
   Octal buffer/line driver with 5 V tolerant inputs/outputs;3-state
logo
NXP Semiconductors
74LVC244A PHILIPS-74LVC244A_03 Datasheet
103Kb / 17P
   Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
2003 Oct 30
74LVC2G241 PHILIPS-74LVC2G241 Datasheet
103Kb / 18P
   Dual buffer/line driver with 5 V tolerant inputs/outputs; 3-state
2005 Feb 02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com