Moteur de recherche de fiches techniques de composants électroniques |
|
74LVC1G157 Fiches technique(PDF) 11 Page - NXP Semiconductors |
|
74LVC1G157 Fiches technique(HTML) 11 Page - NXP Semiconductors |
11 / 18 page 74LVC1G157 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 6 — 31 December 2012 11 of 18 NXP Semiconductors 74LVC1G157 Single 2-input multiplexer Fig 12. Package outline SOT886 (XSON6) References Outline version European projection Issue date IEC JEDEC JEITA SOT886 MO-252 sot886_po 04-07-22 12-01-05 Unit mm max nom min 0.5 0.04 1.50 1.45 1.40 1.05 1.00 0.95 0.35 0.30 0.27 0.40 0.35 0.32 0.6 A(1) Dimensions (mm are the original dimensions) Notes 1. Including plating thickness. 2. Can be visible in some manufacturing processes. XSON6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1.45 x 0.5 mm SOT886 A1 b 0.25 0.20 0.17 DE e e1 0.5 LL1 terminal 1 index area D E e1 e A1 b L L1 e1 0 1 2 mm scale 1 6 2 5 3 4 6x (2) 4x (2) A |
Numéro de pièce similaire - 74LVC1G157 |
|
Description similaire - 74LVC1G157 |