Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC4066 Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce 74HC4066
Description  Quad single-pole single-throw analog switch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4066 Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button 74HC4066 Datasheet HTML 2Page - NXP Semiconductors 74HC4066 Datasheet HTML 3Page - NXP Semiconductors 74HC4066 Datasheet HTML 4Page - NXP Semiconductors 74HC4066 Datasheet HTML 5Page - NXP Semiconductors 74HC4066 Datasheet HTML 6Page - NXP Semiconductors 74HC4066 Datasheet HTML 7Page - NXP Semiconductors 74HC4066 Datasheet HTML 8Page - NXP Semiconductors 74HC4066 Datasheet HTML 9Page - NXP Semiconductors 74HC4066 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
74HC_HCT4066
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 7 — 2 April 2013
6 of 25
NXP Semiconductors
74HC4066; 74HCT4066
Quad single-pole single-throw analog switch
[1]
Typical values are measured at Tamb = 25 C.
[2]
At supply voltages (VCC  GND) approaching 2 V, the analog switch ON resistance becomes extremely non-linear. Therefore it is
recommended that these devices be used to transmit digital signals only, when using these supply voltages.
R
ON
ON resistance
mismatch between
channels
Vis = VCC to GND
VCC = 2.0 V
[2]
---
-
-
VCC = 4.5 V
-
5
-
-
-
VCC = 6.0 V
-
4
-
-
-
VCC = 9.0 V
-
3
-
-
-
Table 6.
RON resistance per switch for types 74HC4066 and 74HCT4066 …continued
VI = VIH or VIL; for test circuit see Figure 6.
Vis is the input voltage at a Yn or Z terminal, whichever is assigned as an input.
Vos is the output voltage at a Yn or Z terminal, whichever is assigned as an output.
For 74HC4066: VCC GND = 2.0 V, 4.5 V, 6.0 V and 9.0 V.
For 74HCT4066: VCC GND = 4.5 V.
Symbol
Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
Vis = 0 V to VCC
Vis = 0 V to VCC
Fig 6.
Test circuit for measuring RON
Fig 7.
Typical RON as a function of input voltage Vis
aaa-003458
Vis
ISW
VIH
VCC
GND
nZ
nY
nE
VSW
Vis (V)
0
9.0
7.2
3.6
5.4
1.8
aaa-003459
30
40
20
50
60
RON
(Ω)
10
VCC = 4.5 V
6 V
9 V
R
ON
V
SW
I
SW
----------
=


Numéro de pièce similaire - 74HC4066

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC4066 PHILIPS-74HC4066 Datasheet
175Kb / 24P
   Quad bilateral switches
1998 Nov 10
74HC4066 PHILIPS-74HC4066 Datasheet
183Kb / 27P
   Quad bilateral swiches
2004 Nov 11
74HC4066 NXP-74HC4066 Datasheet
452Kb / 25P
   Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
logo
Nexperia B.V. All right...
74HC4066 NEXPERIA-74HC4066 Datasheet
316Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 10 - 8 June 2021
74HC4066-Q100 NEXPERIA-74HC4066-Q100 Datasheet
1Mb / 23P
   Quad single-pole single-throw analog switch
More results

Description similaire - 74HC4066

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
HEF4066B NXP-HEF4066B Datasheet
127Kb / 16P
   Quad single-pole single-throw analog switch
Rev. 7-16 November 2011
logo
Nexperia B.V. All right...
74HCT4066 NEXPERIA-74HCT4066 Datasheet
316Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 10 - 8 June 2021
74HC4066-Q100 NEXPERIA-74HC4066-Q100 Datasheet
1Mb / 23P
   Quad single-pole single-throw analog switch
74HC4016 NEXPERIA-74HC4016 Datasheet
847Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 3 - 12 December 2016
HEF4066B NEXPERIA-HEF4066B Datasheet
244Kb / 13P
   Quad single-pole single-throw analog switch
Rev. 10 - 21 December 2021
74HC4316 NEXPERIA-74HC4316 Datasheet
327Kb / 23P
   Quad single-pole single-throw analog switch
Rev. 6 - 10 September 2021
74HCT4066-Q100 NEXPERIA-74HCT4066-Q100 Datasheet
306Kb / 20P
   Quad single-pole single-throw analog switch
Rev. 4 - 14 April 2020
logo
NXP Semiconductors
74HC_HCT4066 PHILIPS-74HC_HCT4066_15 Datasheet
452Kb / 25P
   Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
logo
Nexperia B.V. All right...
HEF4066B-Q100 NEXPERIA-HEF4066B-Q100 Datasheet
797Kb / 15P
   Quad single-pole single-throw analog switch
HEF4016B NEXPERIA-HEF4016B Datasheet
239Kb / 13P
   Quad single-pole single-throw analog switch
Rev. 5 - 26 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com