Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC07XSF517 Fiches technique(PDF) 2 Page - Freescale Semiconductor, Inc

No de pièce MC07XSF517
Description  Triple 7.0 mOhm and Dual 17 mOhm High-Side Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC07XSF517 Fiches technique(HTML) 2 Page - Freescale Semiconductor, Inc

  MC07XSF517 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC07XSF517 Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For more information, please visit freescale.com/analog
Freescale and the Freescale logo are trademarks of Freescale Semiconductor, Inc., Reg. U.S. Pat. & Tm. Off. SMARTMOS is
a trademark of Freescale Semiconductor, Inc. All other product or service names are the property of their respective owners.
© 2013 Freescale Semiconductor, Inc.
Document Number: MC07XSF517FS REV 1
Freescale: A Leader in
Analog Solutions
Expanding on more than 30 years of
innovation, Freescale is a leading provider
of high-performance products that use
SMARTMOS technology combining digital,
power and standard analog functions.
Freescale supplies analog and power
management ICs that are advancing the
automotive, consumer, industrial and
networking markets. Analog solutions
interface with real-world signals to control
and drive for complete embedded systems.
Product Features and Benefits
Features
Function
Benefits
Scalable family
• Compatible devices in terms of
footprint and software
• Flexible load management from
high current (HID, 65 W lamps)
to LEDs while keeping a 100%
diagnostic coverage
• Allows last-minute device choice in
platforms for which the output load
is not known or has to be flexible.
Single hardware for multiple
applications at a single engineering
development cost.
SPI interface
• 5.0 V 16-bit 5MHz SPI
communication
• Daisy chainable SPI control
• Programming, output control and
diagnostic reporting
• Enables daisy chaining without
resistor between MCU and
device for MCU I/O and number
of discrete reduction. BOM cost
saving.
Analog diagnostics
• Accurate temperature (±5.0 °C),
supply voltage sensing
• Synchronous/asynchronous
current sensing with advanced
current mode
• Software simplification in case of
many load management
• High-precision current sensing
(down to 25 mA) with calibration
procedure allowing diagnostic of
both high-current loads or LEDs
Self-protected high-side switch
• Triple 7.0 mΩ and dual 17 mΩ
high-side switches
• Programmable dynamic threshold
overcurrent protection and
overtemperature protection
• 30% module size reduction and
module quality longevity. Allows
a low-power dissipation module
design and very robust solution
against repetitive overcurrent stress.
Limp mode
• Protected output in fail-safe mode
• Direct input control with unlimited
autorestart feature
• Safe secure system
PWM capability
• Individually programmable internal/
external PWM clock signals with
prescaler per channel
• Selectable slew rate per output
and multiphasing.
• 8-bit flexibility for duty cycle settings
• Software design simplicity for
ppm reduction and software
development time optimization.
Optimized electromagnetic
emission vs. switching power
losses selection possible.
Reverse voltage protection
• -16 V reverse polarity and ground
disconnect protections
• Protected against any mishandling
Documentation
Freescale Document
Number
Title
Description
MC07XSF517
Triple 7.0 mΩ and Dual 17 mΩ High-Side Switch
Data sheet
SG1002
Analog, Mixed-Signal and Power Management
Data sheet
SG200
Analog and Power Management Industrial Selector Guide
Selector guide
54-PIN SOICW-EP
98ASA00367D


Numéro de pièce similaire - MC07XSF517

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC07XSF517EK FREESCALE-MC07XSF517EK Datasheet
1Mb / 72P
   Triple 7.0 mOhm and Dual 17 mOhm High Side Switch
More results

Description similaire - MC07XSF517

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
MC07XS6517 NXP-MC07XS6517 Datasheet
1,016Kb / 73P
   Triple 7.0 mOhm and Dual 17 mOhm High-side Switch
Rev. 4.0, 12/2017
logo
Freescale Semiconductor...
07XSF517 FREESCALE-07XSF517 Datasheet
1Mb / 72P
   Triple 7.0 mOhm and Dual 17 mOhm High Side Switch
logo
NXP Semiconductors
MC12XS6D1 NXP-MC12XS6D1 Datasheet
1Mb / 72P
   17 mOhm and 7.0 mOhm high-side switches
Rev. 7.0, 1/2021
MC06XS3517 NXP-MC06XS3517 Datasheet
2Mb / 41P
   Smart High-side Switch Module (Triple 6.0 mOhm and Dual 17 mOhm)
Rev. 5.0, 4/2014
MC07XS3200 NXP-MC07XS3200 Datasheet
1Mb / 47P
   Dual high-side switch (7.0 mOhm)
Rev. 6.0, 1/2020
MC12XS6D4 NXP-MC12XS6D4 Datasheet
1Mb / 71P
   Dual 8.0 mOhm and dual 21 mOhm high-side switch
Rev. 6.0, 1/2021
logo
Freescale Semiconductor...
17XSF500 FREESCALE-17XSF500 Datasheet
1Mb / 70P
   Penta 17 mOhm High Side Switch
logo
NXP Semiconductors
MC17XS6500 NXP-MC17XS6500 Datasheet
987Kb / 73P
   Penta 17 mOhm High-side Switch
Rev. 5.0, 12/2017
logo
Freescale Semiconductor...
10XS3435 FREESCALE-10XS3435 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
10XS3435 FREESCALE-10XS3435_V10 Datasheet
1Mb / 51P
   Quad High Side Switch(Dual 10 mOhm, Dual 35 mOhm)
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com