Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DZ01S1203A Fiches technique(PDF) 2 Page - Delta Electronics, Inc.

No de pièce DZ01S1203A
Description  6W DC/DC CONVERTER, DIP-Package, High Isolation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DELTA [Delta Electronics, Inc.]
Site Internet  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DZ01S1203A Fiches technique(HTML) 2 Page - Delta Electronics, Inc.

  DZ01S1203A Datasheet HTML 1Page - Delta Electronics, Inc. DZ01S1203A Datasheet HTML 2Page - Delta Electronics, Inc. DZ01S1203A Datasheet HTML 3Page - Delta Electronics, Inc. DZ01S1203A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS_DU06S/D_07192012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P2
Output Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
---
±0.5
±1.0
%
Output Voltage Balance
Dual Output, Balanced Loads
---
±0.5
±2.0
%
Line Regulation
Vin=Min. to Max.
---
±0.3
±0.5
%
Load Regulation
Io=25% to 100%
---
±0.5
±1.0
%
5V Output Models
---
75
100
mV P-P
Ripple & Noise (20MHz)
Other Output Models
---
100
150
mV P-P
Ripple & Noise (20MHz)
Over Line, Load & Temp.
---
---
180
mV P-P
Ripple & Noise (20MHz)
---
---
25
mV rms
Transient Recovery Time
---
300
500
uS
Transient Response Deviation
25% Load Step Change
---
±3
±6
%
Temperature Coefficient
---
±0.02
±0.05
%/
Over Load Protection
Foldback
120
150
---
%
Short Circuit Protection
Continuous
Isolation, Safety Standards
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage (rated)
60 Seconds
4000
---
---
VACrms
I/O Isolation Test Voltage
Flash tested for 1 Second
6000
---
---
VPK
Leakage Current
240VAC, 60Hz
---
---
2
uA
I/O Isolation Resistance
500 VDC
10
---
---
GΩ
I/O Isolation Capacitance
100KHz, 1V
---
7
13
pF
cUL/UL60950-1, CSA C22.2 No. 60950-1-03
UL60601-1,CSA C22.2 No.601-1,
Safety Standards
IEC/EN 60950-1, IEC/EN 60601-1
IEC60950-1 CB report, cUL/UL 60950-1 certificate
Safety Approvals
UL60601-1 UL certificate
General Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
Switching Frequency
---
150
---
KHz
MTBF(calculated)
MIL-HDBK-217F@25
℃, Ground
Benign
700,000
---
---
Hours
Recommended Input Fuse
12V Input Models
24V Input Models
48V Input Models
1200mA Slow-Blow Type
600mA Slow-Blow Type
300mA Slow-Blow Type
Environmental Characteristics
Parameter
Conditions
Min.
Max.
Unit
Operating
Temperature
Range
(with
Derating)
Ambient
-40
+75
Case Temperature
---
+95
Storage Temperature Range
-50
+125
Humidity (non condensing)
---
95
% rel. H
Cooling
Free-Air convection
Lead Temperature (1.5mm from case for
10Sec.)
---
260


Numéro de pièce similaire - DZ01S1203A

FabricantNo de pièceFiches techniqueDescription
logo
Delta Electronics, Inc.
DZ01S1203A DELTA-DZ01S1203A Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DZ01S1203A DELTA-DZ01S1203A Datasheet
222Kb / 4P
   3W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
DZ01S1203A DELTA-DZ01S1203A Datasheet
199Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, High Isolation
DZ01S1203A DELTA-DZ01S1203A Datasheet
208Kb / 5P
   1W DC/DC CONVERTER, SMD-Package
DZ01S1203A DELTA-DZ01S1203A Datasheet
209Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results

Description similaire - DZ01S1203A

FabricantNo de pièceFiches techniqueDescription
logo
Delta Electronics, Inc.
DJ06S DELTA-DJ06S Datasheet
210Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, High Isolation
DU06S1205A DELTA-DU06S1205A Datasheet
216Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, High Isolation
logo
Minmax Technology Co., ...
MGWI06 MINMAX-MGWI06_15 Datasheet
487Kb / 4P
   DC/DC CONVERTER 6W, DIP Package
MIW06 MINMAX-MIW06_15 Datasheet
652Kb / 5P
   DC/DC CONVERTER 6W, DIP-Package
MIWI06 MINMAX-MIWI06_15 Datasheet
631Kb / 5P
   DC/DC CONVERTER 6W, DIP-Package
logo
Mean Well Enterprises C...
SCWN06 MEANWELL-SCWN06 Datasheet
106Kb / 4P
   6W DIP Package DC-DC Regulated Converter
logo
Delta Electronics, Inc.
DC02S DELTA-DC02S Datasheet
199Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, High Isolation
DA01S DELTA-DA01S Datasheet
232Kb / 4P
   1W DC/DC CONVERTER, DIP-Package, High Isolation
DA01S DELTA-DA01S_14 Datasheet
235Kb / 5P
   1W DC/DC CONVERTER, DIP-Package, High Isolation
DK02S DELTA-DK02S Datasheet
318Kb / 4P
   2W DC/DC CONVERTER, DIP Package, High Isolation
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com