Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5520JSTZ Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD5520JSTZ
Description  Per Pin Parametric Measurement Unit/Source Measure Unit
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5520JSTZ Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD5520JSTZ Datasheet HTML 4Page - Analog Devices AD5520JSTZ Datasheet HTML 5Page - Analog Devices AD5520JSTZ Datasheet HTML 6Page - Analog Devices AD5520JSTZ Datasheet HTML 7Page - Analog Devices AD5520JSTZ Datasheet HTML 8Page - Analog Devices AD5520JSTZ Datasheet HTML 9Page - Analog Devices AD5520JSTZ Datasheet HTML 10Page - Analog Devices AD5520JSTZ Datasheet HTML 11Page - Analog Devices AD5520JSTZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD5520
Rev. B | Page 8 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
64 63 62
61
60 59 58
57 56 55 54 53 52 51 50 49
47
MEASI5H
46
MEASI4H
45 FOH3
42
MEASI2H
43
FOH2
44
MEASI3H
48
AVEE_B
41
FOH1
40
MEASI1H
39
FOH0
37
MEASIL
36
MEASVH
35
GUARD(NC)
34
MEASVL
33
AVCC_G
38
MEASI0H
2
CPL
3
DVDD
4
CPOH
7
DGND
6
CPCK
5
CPOL
1
CPH
8
CLHDETECT
9
CLLDETECT
10
QM4
12
MOE
13
CS
14
STB
15
AC0
16
AC1
11
QM5
NC = NO CONNECT
17 18
19
20 21 22 23 24 25 26 27 28 29 30 31 32
PIN 1
AD5520
TOP VIEW
(Not to Scale)
Figure 4. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CPH
Upper Comparator Threshold Voltage Input, CPH > CPL.
2
CPL
Lower Comparator Threshold Voltage Input, CPL < CPH.
3, 18
DVDD
Digital Supply Voltage.
4
CPOH
Logic Output. When high, indicates MEASVOUT or MEASIOUT > CPH.
5
CPOL
Logic Output. When high, indicates MEASVOUT or MEASIOUT < CPL.
6
CPCK
Logic Input. Used to initiate comparator sampling and update CPOH and CPOL.
7, 17
DGND
Digital Ground.
8
CLHDETECT
Logic Output. When high, indicates upper clamp active. See the Clamp Function section.
9
CLLDETECT
Logic Output. When high, indicates lower clamp active. See the Clamp Function section.
10
QM4
Logic Output. When high, indicates current range Mode 4 is enabled. May be used to drive external relay or
switch. See the High Current Ranges section.
11
QM5
Logic Output. When high, indicates current range Mode 5 is enabled. May be used to drive external relay or
switch. See the High Current Ranges section.
12
MOE
Active Low MEASOUT Enable.
13
CS
Active Low Logic Input. The device is selected when this pin is low. See the Interface section.
14
STB
Active Low Logic Input. Used in conjunction with CPCK and CS to configure the device for different
configurations. Rising edge of STB triggers sequence inputs. See the Interface section.
15
AC0
Logic Input. Used in conjunction with AC1 to select one of three external compensation capacitors.
See the Force Control Amplifier section.
16
AC1
Logic Input. Used in conjunction with AC0 to select one of three external compensation capacitors.
See the Force Control Amplifier section.
19
AM2
Logic Input. Used in conjunction with AM1 and AM0 to select one of six current ranges or to enable standby
mode. See the Current Ranges section.
20
AM1
Logic Input. Used in conjunction with AM2 and AM0 to select one of six current ranges or to enable standby
mode. See the Current Ranges section.
21
AM0
Logic Input. Used in conjunction with AM2 and AM1 to select one of six current ranges or to enable standby
mode. See the Current Ranges section.
22
STANDBY
Logic Input. When high, device is in standby mode of operation. See the Standby Mode section.


Numéro de pièce similaire - AD5520JSTZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520JSTZ-REEL AD-AD5520JSTZ-REEL Datasheet
409Kb / 25P
   Per Pin Parametric Measurement Unit/Source Measure Unit
AD5520JSTZ-REEL1 AD-AD5520JSTZ-REEL1 Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
More results

Description similaire - AD5520JSTZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5520 AD-AD5520_15 Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520 Datasheet
763Kb / 20P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. A
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520_17 Datasheet
409Kb / 25P
   Per Pin Parametric Measurement Unit/Source Measure Unit
logo
Semtech Corporation
E4237 SEMTECH-E4237 Datasheet
245Kb / 39P
   Dual Channel Per-Pin Parametric Measurement Unit
E737 SEMTECH-E737 Datasheet
470Kb / 18P
   Per-Pin Precision Measurement Unit
EDGE737 SEMTECH-EDGE737 Datasheet
137Kb / 19P
   Per-Pin Precision Measurement Unit
logo
Keysight Technologies
U2722A KEYSIGHT-U2722A Datasheet
2Mb / 15P
   Modular Source Measure Unit
U2723A KEYSIGHT-U2723A Datasheet
2Mb / 15P
   Modular Source Measure Unit
logo
Maxim Integrated Produc...
MAX9951 MAXIM-MAX9951 Datasheet
499Kb / 23P
   Dual Per-Pin Parametric Measurement Units
Rev 1; 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com