Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3820-33DBVTG4 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS3820-33DBVTG4
Description  Processor Supervisory Circuits
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3820-33DBVTG4 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS3820-33DBVTG4 Datasheet HTML 3Page - Texas Instruments TPS3820-33DBVTG4 Datasheet HTML 4Page - Texas Instruments TPS3820-33DBVTG4 Datasheet HTML 5Page - Texas Instruments TPS3820-33DBVTG4 Datasheet HTML 6Page - Texas Instruments TPS3820-33DBVTG4 Datasheet HTML 7Page - Texas Instruments TPS3820-33DBVTG4 Datasheet HTML 8Page - Texas Instruments TPS3820-33DBVTG4 Datasheet HTML 9Page - Texas Instruments TPS3820-33DBVTG4 Datasheet HTML 10Page - Texas Instruments TPS3820-33DBVTG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
−50
−150
V −
I
Input Voltage at MR − V
−200
50
0
85 C
°
−100
−40 C
°
VDD = 5.5 V
WDI = Open
−1
0
1
2
3
4
6
5
0
3
2.5
2
1.5
1
IOL − Low-Level Output Current − mA
1
0.5
0
VDD = 2.66 V
WDI = Open
MR = Open
−40 C
°
85 C
°
2
3
4
5
6
7
8
9
10
−40
1.001
1
0.999
0.998
−15
10
35
TA − Free-Air Temperature − C
°
0.997
0.996
0.995
60
85
−0.5
19
7
5
0.5
1.5
2.5
3.5
VDD − Supply Voltage − V
3
1
−1
4.5
6.5
MR = Open
WDI = Open
TA = 25°C
11
9
5.5
13
17
15
TPS382x-33
TPS382x-xx
TPS382xA-xx
www.ti.com
SLVS165J – APRIL 1998 – REVISED APRIL 2013
TYPICAL CHARACTERISTICS
NORMALIZED INPUT THRESHOLD VOLTAGE
SUPPLY CURRENT
vs
vs
FREE-AIR TEMPERATURE AT VDD
SUPPLY VOLTAGE
Figure 2.
Figure 3.
INPUT CURRENT
LOW-LEVEL OUTPUT VOLTAGE
vs
vs
INPUT VOLTAGE AT MR
LOW-LEVEL OUTPUT CURRENT
Figure 4.
Figure 5.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS382x-xx TPS382xA-xx


Numéro de pièce similaire - TPS3820-33DBVTG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3820-33DBVTG4 TI-TPS3820-33DBVTG4 Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVTG4 TI-TPS3820-33DBVTG4 Datasheet
295Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVTG4 TI-TPS3820-33DBVTG4 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVTG4 TI1-TPS3820-33DBVTG4 Datasheet
635Kb / 20P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVTG4 TI1-TPS3820-33DBVTG4 Datasheet
937Kb / 29P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
More results

Description similaire - TPS3820-33DBVTG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
logo
Texas Instruments
TPS3820- TI-TPS3820- Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX-Q1 TI-TPS3820-XX-Q1 Datasheet
225Kb / 13P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33-Q1 TI1-TPS3820-33-Q1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX TI-TPS3820-XX Datasheet
295Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33 TI1-TPS3820-33 Datasheet
635Kb / 20P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33QDBVRQ1 TI1-TPS3820-33QDBVRQ1 Datasheet
236Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
JUNE 2008
TPS3813J25 TI-TPS3813J25 Datasheet
191Kb / 12P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com