Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN54047UCX Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FAN54047UCX
Description  USB-OTG, 1.55 A, Li-Ion Switching Charger with Power Path and 2.3 A Production Test Support
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN54047UCX Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FAN54047UCX Datasheet HTML 1Page - Fairchild Semiconductor FAN54047UCX Datasheet HTML 2Page - Fairchild Semiconductor FAN54047UCX Datasheet HTML 3Page - Fairchild Semiconductor FAN54047UCX Datasheet HTML 4Page - Fairchild Semiconductor FAN54047UCX Datasheet HTML 5Page - Fairchild Semiconductor FAN54047UCX Datasheet HTML 6Page - Fairchild Semiconductor FAN54047UCX Datasheet HTML 7Page - Fairchild Semiconductor FAN54047UCX Datasheet HTML 8Page - Fairchild Semiconductor FAN54047UCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN54040
– FAN54047 • Rev. 1.0.2
3
Block Diagram
SW
SYSTEM
LOAD
Q2
L1
Q5
SDA
SCL
VBUS
CBUS
VBAT
SYS
GATE
CSYS
External
PMOS
Q3
POK_B
ILIM
CHARGE
PUMP
Q3
DIS
PGND
PGND
STAT
AGND
+
Q1B
Q1A
Q1
PMID
PWM
MODULATOR
CC and CV
Battery
Charger
CMID
CBAT
NTC
REF
RREF
TEMP
SENSE
I2C INTERFACE
LOGIC AND CONTROL
CREF
IBUS &
VBUS
CONTROL
VBUS OVP
POWER OK
Q4B
Q4A
Q4
T
BATTERY
PMID
Q1A
Q1B
Greater than VBAT
ON
OFF
Less than VBAT
OFF
ON
SYS
Q4A
Q4B
Greater than VBAT
ON
OFF
Less than VBAT
OFF
ON
Figure 2. IC and System Block Diagram
Table 2. Recommended External Components
Component
Description
Vendor
Parameter
Typ.
Unit
L1
1
H, 20%, 2.2 A, 2016
Taiyo Yuden MAKK2016T1R0M
or Equivalent
L
1.0
H
DCR (Series R)
75
m
CBAT, CSYS
10
F, 20%, 6.3 V, X5R, 0603
Murata: GRM188R60J106M
TDK: C1608X5R0J106M
C
10
F
CMID
4.7
F, 10%, 6.3 V, X5R, 0603
Murata: GRM188R60J475K
TDK: C1608X5R0J475K
C
(2)
4.7
F
CBUS,
1.0
F, 10%, 25 V, X5R, 0603
Murata GRM188R61E105K
TDK:C1608X5R1E105M
C
1.0
F
Q5
PMOS,12 V, 16 m
, MLP2x2
Fairchild FDMA905P
RDS(ON)
16
m
CREF
1
F, 10%, 6.3 V, X5R, 0402
C
1.0
F
Note:
2.
6.3 V rating is sufficient for CMID since PMID is protected from over-voltage surges on VBUS by Q3.


Numéro de pièce similaire - FAN54047UCX

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FAN54047UCX ONSEMI-FAN54047UCX Datasheet
1Mb / 40P
   USB-OTG, 1.55 A, Li-Ion Switching Charger with Power Path and 2.3 A Production Test Support
December-2017, Rev. 2
More results

Description similaire - FAN54047UCX

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FAN54040 ONSEMI-FAN54040 Datasheet
1Mb / 40P
   USB-OTG, 1.55 A, Li-Ion Switching Charger with Power Path and 2.3 A Production Test Support
December-2017, Rev. 2
FAN54063 ONSEMI-FAN54063 Datasheet
1Mb / 38P
   High Efficiency, 1.55 A, Li-Ion Switching Charger with Integrated Power Path, USB-OTG, in a Small Solution Size
January, 2019 ??Rev. 2
logo
Texas Instruments
BQ24260 TI1-BQ24260 Datasheet
6Mb / 57P
[Old version datasheet]   Power-Path Management and USB-OTG Support
logo
Monolithic Power System...
MP2626 MPS-MP2626 Datasheet
1Mb / 34P
   USB-Compliant Single Cell Li-ion Switching Charger with USB-OTG Boost
logo
Texas Instruments
BQ24262 TI-BQ24262_15 Datasheet
6Mb / 56P
[Old version datasheet]   bq2426x 3-A, 30-V, Host-Controlled Single-Input, Single-Cell Switched-Mode Li-Ion Battery Charger With Power-Path Management and USB-OTG Support
BQ24261M TI-BQ24261M_15 Datasheet
6Mb / 56P
[Old version datasheet]   bq2426x 3-A, 30-V, Host-Controlled Single-Input, Single-Cell Switched-Mode Li-Ion Battery Charger With Power-Path Management and USB-OTG Support
logo
Fairchild Semiconductor
FAN54010 FAIRCHILD-FAN54010 Datasheet
1Mb / 37P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
ON Semiconductor
FAN54015 ONSEMI-FAN54015 Datasheet
1Mb / 33P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
November, 2019 ??Rev. 2
logo
Texas Instruments
BQ24153A TI1-BQ24153A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24150 TI-BQ24150 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com