Moteur de recherche de fiches techniques de composants électroniques |
|
SN74ABT540DWG4 Fiches technique(PDF) 1 Page - Texas Instruments |
|
SN74ABT540DWG4 Fiches technique(HTML) 1 Page - Texas Instruments |
1 / 9 page SN54ABT540, SN74ABT540 OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS SCBS188C – FEBRUARY 1991 – REVISED JANUARY 1997 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D State-of-the-Art EPIC-ΙΙB™ BiCMOS Design Significantly Reduces Power Dissipation D ESD Protection Exceeds 2000 V Per MIL-STD-883, Method 3015; Exceeds 200 V Using Machine Model (C = 200 pF, R = 0) D Latch-Up Performance Exceeds 500 mA Per JEDEC Standard JESD-17 D Typical VOLP (Output Ground Bounce) < 1 V at VCC = 5 V, TA = 25°C D High-Drive Outputs (–32-mA IOH, 64-mA IOL) D Package Options Include Plastic Small-Outline (DW), Shrink Small-Outline (DB), and Thin Shrink Small-Outline (PW) Packages, Ceramic Chip Carriers (FK), Plastic (N) and Ceramic (J) DIPs, and Ceramic Flat (W) Package description The ’ABT540 octal buffers and line drivers are ideal for driving bus lines or buffer memory address registers. The devices feature inputs and outputs on opposite sides of the package that facilitate printed circuit board layout. The 3-state control gate is a 2-input AND gate with active-low inputs so that if either output-enable (OE1 or OE2) input is high, all corresponding outputs are in the high-impedance state. To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. The SN54ABT540 is characterized for operation over the full military temperature range of –55 °C to 125°C. The SN74ABT540 is characterized for operation from –40 °C to 85°C. FUNCTION TABLE INPUTS OUTPUT OE1 OE2 A Y L L L H L LH L H XX Z X H X Z Copyright © 1997, Texas Instruments Incorporated UNLESS OTHERWISE NOTED this document contains PRODUCTION DATA information current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. EPIC- ΙΙB is a trademark of Texas Instruments Incorporated. 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 OE1 A1 A2 A3 A4 A5 A6 A7 A8 GND VCC OE2 Y1 Y2 Y3 Y4 Y5 Y6 Y7 Y8 SN54ABT540 ...J OR W PACKAGE SN74ABT540 . . . DB, DW, N, OR PW PACKAGE (TOP VIEW) 32 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 Y1 Y2 Y3 Y4 Y5 A3 A4 A5 A6 A7 SN54ABT540 . . . FK PACKAGE (TOP VIEW) |
Numéro de pièce similaire - SN74ABT540DWG4 |
|
Description similaire - SN74ABT540DWG4 |