Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRFB20N50K Fiches technique(PDF) 1 Page - Kersemi Electronic Co., Ltd.

No de pièce IRFB20N50K
Description  Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KERSEMI [Kersemi Electronic Co., Ltd.]
Site Internet  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFB20N50K Fiches technique(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  IRFB20N50K Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFB20N50K Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFB20N50K Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFB20N50K Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFB20N50K Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFB20N50K Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFB20N50K Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Power MOSFET
IRFB20N50K, SiHFB20N50K
FEATURES
• Low Gate Charge Qg Results in Simple Drive
Requirement
• Improved Gate, Avalanche and Dynamic dV/dt
Ruggedness
• Fully Characterized Capacitance and Avalanche Voltage
and Current
•Low RDS(on)
• Lead (Pb)-free Available
APPLICATIONS
• Switch Mode Power Supply (SMPS)
• Uninterruptible Power Supply
• High Speed Power Switching
• Hard Switched and High Frequency Circuits
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature.
b. Starting TJ = 25 °C, L = 1.6 mH, RG = 25 Ω, IAS = 20 A.
c. ISD ≤ 20 A, dI/dt ≤ 350 A/µs, VDD ≤ VDS, TJ ≤ 150 °C.
d. 1.6 mm from case.
PRODUCT SUMMARY
VDS (V)
500
RDS(on) (Ω)VGS = 10 V
0.21
Qg (Max.) (nC)
110
Qgs (nC)
33
Qgd (nC)
54
Configuration
Single
N-Channel MOSFET
G
D
S
TO-220
G
D
S
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
TO-220
Lead (Pb)-free
IRFB20N50KPbF
SiHFB20N50K-E3
SnPb
IRFB20N50K
SiHFB20N50K
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
500
V
Gate-Source Voltage
VGS
± 30
Continuous Drain Current
VGS at 10 V
TC = 25 °C
ID
20
A
TC = 100 °C
12
Pulsed Drain Currenta
IDM
80
Linear Derating Factor
2.2
W/°C
Single Pulse Avalanche Energyb
EAS
330
mJ
Repetitive Avalanche Currenta
IAR
20
A
Repetitive Avalanche Energya
EAR
28
mJ
Maximum Power Dissipation
TC = 25 °C
PD
280
W
Peak Diode Recovery dV/dtc
dV/dt
6.9
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d
Mounting Torque
6-32 or M3 screw
10
N
* Pb containing terminations are not RoHS compliant, exemptions may apply
www.kersemi.com


Numéro de pièce similaire - IRFB20N50K

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRFB20N50K IRF-IRFB20N50K Datasheet
115Kb / 8P
   SMPS MOSFET
logo
Vishay Siliconix
IRFB20N50K VISHAY-IRFB20N50K Datasheet
858Kb / 8P
   Power MOSFET
S-Pending-Rev. A, 11-Aug-08
IRFB20N50K VISHAY-IRFB20N50K Datasheet
334Kb / 9P
   Power MOSFET
Rev. D, 05-Apr-10
IRFB20N50K VISHAY-IRFB20N50K Datasheet
195Kb / 9P
   Power MOSFET
01-Jan-2022
IRFB20N50K VISHAY-IRFB20N50K Datasheet
204Kb / 9P
   Power MOSFET
01-Jan-2022
More results

Description similaire - IRFB20N50K

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com