Moteur de recherche de fiches techniques de composants électroniques |
|
UC2846DWTR81265G4 Fiches technique(PDF) 10 Page - Texas Instruments |
|
UC2846DWTR81265G4 Fiches technique(HTML) 10 Page - Texas Instruments |
10 / 13 page PACKAGE OPTION ADDENDUM www.ti.com 25-Sep-2013 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples UC2846N ACTIVE PDIP N 16 25 Green (RoHS & no Sb/Br) CU NIPDAU N / A for Pkg Type -40 to 85 UC2846N UC2846NG4 ACTIVE PDIP N 16 25 Green (RoHS & no Sb/Br) CU NIPDAU N / A for Pkg Type -40 to 85 UC2846N UC2846QTR ACTIVE PLCC FN 20 1000 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR -40 to 85 UC2846Q UC2846QTRG3 ACTIVE PLCC FN 20 1000 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR -40 to 85 UC2846Q UC2847DW ACTIVE SOIC DW 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 85 UC2847DW UC2847DWG4 ACTIVE SOIC DW 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 85 UC2847DW UC2847N ACTIVE PDIP N 16 25 Green (RoHS & no Sb/Br) CU NIPDAU N / A for Pkg Type -40 to 85 UC2847N UC2847NG4 ACTIVE PDIP N 16 25 Green (RoHS & no Sb/Br) CU NIPDAU N / A for Pkg Type -40 to 85 UC2847N UC3846DW ACTIVE SOIC DW 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR 0 to 70 UC3846DW UC3846DWG4 ACTIVE SOIC DW 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR 0 to 70 UC3846DW UC3846DWTR ACTIVE SOIC DW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR 0 to 70 UC3846DW UC3846DWTRG4 ACTIVE SOIC DW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR 0 to 70 UC3846DW UC3846J ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type 0 to 70 UC3846J UC3846N ACTIVE PDIP N 16 25 Green (RoHS & no Sb/Br) CU NIPDAU N / A for Pkg Type 0 to 70 UC3846N UC3846NG4 ACTIVE PDIP N 16 25 Green (RoHS & no Sb/Br) CU NIPDAU N / A for Pkg Type 0 to 70 UC3846N UC3846Q ACTIVE PLCC FN 20 46 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR 0 to 70 UC3846Q UC3846QG3 ACTIVE PLCC FN 20 46 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR 0 to 70 UC3846Q UC3846QTR ACTIVE PLCC FN 20 1000 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR 0 to 70 UC3846Q |
Numéro de pièce similaire - UC2846DWTR81265G4 |
|
Description similaire - UC2846DWTR81265G4 |