Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2860QTR Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce UC2860QTR
Description  Resonant Mode Power Supply Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2860QTR Fiches technique(HTML) 9 Page - Texas Instruments

Back Button UC2860QTR Datasheet HTML 2Page - Texas Instruments UC2860QTR Datasheet HTML 3Page - Texas Instruments UC2860QTR Datasheet HTML 4Page - Texas Instruments UC2860QTR Datasheet HTML 5Page - Texas Instruments UC2860QTR Datasheet HTML 6Page - Texas Instruments UC2860QTR Datasheet HTML 7Page - Texas Instruments UC2860QTR Datasheet HTML 8Page - Texas Instruments UC2860QTR Datasheet HTML 9Page - Texas Instruments UC2860QTR Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
UC1860J
OBSOLETE
CDIP
J
24
TBD
Call TI
Call TI
UC1860J883B
OBSOLETE
CDIP
J
24
TBD
Call TI
Call TI
UC2860DW
OBSOLETE
SOIC
DW
24
TBD
Call TI
Call TI
UC2860DWTR
OBSOLETE
SOIC
DW
24
TBD
Call TI
Call TI
UC2860N
OBSOLETE
PDIP
N
24
TBD
Call TI
Call TI
UC2860Q
OBSOLETE
PLCC
FN
28
TBD
Call TI
Call TI
UC2860QTR
OBSOLETE
PLCC
FN
28
TBD
Call TI
Call TI
UC3860DW
OBSOLETE
SOIC
DW
24
TBD
Call TI
Call TI
UC3860DWTR
OBSOLETE
SOIC
DW
24
TBD
Call TI
Call TI
UC3860N
OBSOLETE
PDIP
N
24
TBD
Call TI
Call TI
UC3860Q
OBSOLETE
PLCC
FN
28
TBD
Call TI
Call TI
UC3860QTR
OBSOLETE
PLCC
FN
28
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
18-Sep-2008
Addendum-Page 1


Numéro de pièce similaire - UC2860QTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2860 TI-UC2860 Datasheet
584Kb / 9P
[Old version datasheet]   Resonant Mode Power Supply Controller
More results

Description similaire - UC2860QTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1860 TI-UC1860 Datasheet
584Kb / 9P
[Old version datasheet]   Resonant Mode Power Supply Controller
logo
List of Unclassifed Man...
UC1861-1868 ETC1-UC1861-1868 Datasheet
422Kb / 9P
   Resonant-Mode Power Supply Controllers
logo
Texas Instruments
UC1861 TI-UC1861 Datasheet
438Kb / 9P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
UC1861 TI1-UC1861_13 Datasheet
3Mb / 14P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
logo
STMicroelectronics
STEVAL-ISA017V1 STMICROELECTRONICS-STEVAL-ISA017V1 Datasheet
95Kb / 4P
   Switch mode Quasi-Resonant Flyback Power Supply
March 2007 Rev 3
STEVAL-ISA016V1 STMICROELECTRONICS-STEVAL-ISA016V1 Datasheet
93Kb / 4P
   Switch mode Quasi-Resonant Flyback Power Supply
October 2006 Rev 1
logo
NXP Semiconductors
TEA19161T NXP-TEA19161T_V01 Datasheet
512Kb / 44P
   Digital controller for high-efficiency resonant power supply
Rev. 2.2 - 23 January 2023
TEA2016AAT NXP-TEA2016AAT Datasheet
808Kb / 58P
   Digital controller for high-efficiency resonant power supply
Rev. 1.2-6 April 2020
TEA2016AAT NXP-TEA2016AAT_V01 Datasheet
572Kb / 59P
   Digital controller for high-efficiency resonant power supply
Rev. 1 - 15 February 2023
TEA19161CT NXP-TEA19161CT Datasheet
466Kb / 44P
   Digital controller for high-efficiency resonant power supply
Rev. 2-26 February 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com