Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2860QTR Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce UC2860QTR
Description  Resonant Mode Power Supply Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2860QTR Fiches technique(HTML) 1 Page - Texas Instruments

  UC2860QTR Datasheet HTML 1Page - Texas Instruments UC2860QTR Datasheet HTML 2Page - Texas Instruments UC2860QTR Datasheet HTML 3Page - Texas Instruments UC2860QTR Datasheet HTML 4Page - Texas Instruments UC2860QTR Datasheet HTML 5Page - Texas Instruments UC2860QTR Datasheet HTML 6Page - Texas Instruments UC2860QTR Datasheet HTML 7Page - Texas Instruments UC2860QTR Datasheet HTML 8Page - Texas Instruments UC2860QTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UC1860
UC2860
UC3860
Resonant Mode Power Supply Controller
FEATURES
3MHz VFO Linear over 100:1 Range
5MHz Error Amplifier with Controlled
Output Swing
Programmable One Shot Timer—
Down to 100ns
Precision 5V Reference
Dual 2A Peak Totem Pole Outputs
Programmable Output Sequence
Programmable Under Voltage Lockout
Very Low Start Up Current
Programmable Fault Management &
Restart Delay
Uncommitted Comparator
DESCRIPTION
The UC1860 family of control ICs is a versatile system for resonant mode
power supply control. This device easily implements frequency modulated
fixed-on-time control schemes as well as a number of other power supply
control schemes with its various dedicated and programmable features.
The UC1860 includes a precision voltage reference, a wide-bandwidth er-
ror amplifier, a variable frequency oscillator operable to beyond 3MHz, an
oscillator-triggered one-shot, dual high-current totem-pole output drivers,
and a programmable toggle flip-flop. The output mode is easily pro-
grammed for various sequences such as A, off, B, off; A & B, off; or A, B,
off. The error amplifier contains precision output clamps that allow pro-
gramming of minimum and maximum frequency.
The device also contains an uncommitted comparator, a fast comparator
for fault sensing, programmable soft start circuitry, and a programmable
restart delay. Hic-up style response to faults is easily achieved. In addi-
tion, the UC1860 contains programmable under voltage lockout circuitry
that forces the output stages low and minimizes supply current during
start-up conditions.
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (pin 19) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V
Output Current, Source or Sink (pins 17 & 20)
DC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.8A
Pulse (0.5
µs) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.0A
Power Ground Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±0.2V
Inputs (pins 1, 2, 3, 4, 8, 9, 11, 12,
13, 14, 21, 22, 23 & 24) . . . . . . . . . . . . . . . . . . . . . . -0.4 to 6V
Error Amp Output Current, Source or Sink (pin 5) . . . . . . . . 2mA
IVFO Current (pin 7). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2mA
Comparator Output Current (pin 15) . . . . . . . . . . . . . . . . . . 5mA
Comparator Output Voltage (pin 15) . . . . . . . . . . . . . . . . . . 15V
Soft Start or Restart Delay Sink Current (pins 22 & 23) . . . 5mA
Power Dissipation at TA = 50°C (DIP) . . . . . . . . . . . . . . . 1.25W
Power Dissipation at TA = 50
°C (PLCC) . . . . . . . . . . . . . . . . 1W
Lead Temperature (Soldering, 10 seconds) . . . . . . . . . . . 300°C
Note: All voltages are with respect to signal ground and all
currents are positive into the specified terminal.
Pin numbers refer to the DIP.
Refer to Packaging Section of Databook for thermal
limitations and considerations of packages.
10/93


Numéro de pièce similaire - UC2860QTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2860 TI-UC2860 Datasheet
584Kb / 9P
[Old version datasheet]   Resonant Mode Power Supply Controller
More results

Description similaire - UC2860QTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1860 TI-UC1860 Datasheet
584Kb / 9P
[Old version datasheet]   Resonant Mode Power Supply Controller
logo
List of Unclassifed Man...
UC1861-1868 ETC1-UC1861-1868 Datasheet
422Kb / 9P
   Resonant-Mode Power Supply Controllers
logo
Texas Instruments
UC1861 TI-UC1861 Datasheet
438Kb / 9P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
UC1861 TI1-UC1861_13 Datasheet
3Mb / 14P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
logo
STMicroelectronics
STEVAL-ISA017V1 STMICROELECTRONICS-STEVAL-ISA017V1 Datasheet
95Kb / 4P
   Switch mode Quasi-Resonant Flyback Power Supply
March 2007 Rev 3
STEVAL-ISA016V1 STMICROELECTRONICS-STEVAL-ISA016V1 Datasheet
93Kb / 4P
   Switch mode Quasi-Resonant Flyback Power Supply
October 2006 Rev 1
logo
NXP Semiconductors
TEA19161T NXP-TEA19161T_V01 Datasheet
512Kb / 44P
   Digital controller for high-efficiency resonant power supply
Rev. 2.2 - 23 January 2023
TEA2016AAT NXP-TEA2016AAT Datasheet
808Kb / 58P
   Digital controller for high-efficiency resonant power supply
Rev. 1.2-6 April 2020
TEA2016AAT NXP-TEA2016AAT_V01 Datasheet
572Kb / 59P
   Digital controller for high-efficiency resonant power supply
Rev. 1 - 15 February 2023
TEA19161CT NXP-TEA19161CT Datasheet
466Kb / 44P
   Digital controller for high-efficiency resonant power supply
Rev. 2-26 February 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com