Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2860QTR Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce UC2860QTR
Description  Resonant Mode Power Supply Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2860QTR Fiches technique(HTML) 8 Page - Texas Instruments

Back Button UC2860QTR Datasheet HTML 2Page - Texas Instruments UC2860QTR Datasheet HTML 3Page - Texas Instruments UC2860QTR Datasheet HTML 4Page - Texas Instruments UC2860QTR Datasheet HTML 5Page - Texas Instruments UC2860QTR Datasheet HTML 6Page - Texas Instruments UC2860QTR Datasheet HTML 7Page - Texas Instruments UC2860QTR Datasheet HTML 8Page - Texas Instruments UC2860QTR Datasheet HTML 9Page - Texas Instruments UC2860QTR Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
UC1860
UC2860
UC3860
OUTPUT STAGE
The two totem pole output stages can be programmed by
Mode to operate alternately or in unison. When Mode is
low the outputs alternate. During UVLO, the outputs are
low.
Extreme care needs to be exercised in the application of
these outputs. Each output can source and sink transient
currents of 2A or more and is designed for high values of
dl/dt. This dictates the use of a ground plane, shielded in-
terconnect cables, Schottky diode clamps from the output
pins to Pwr Gnd (power ground), and some series resis-
tance to provide damping. Pwr Gnd should not exceed
±0.2V from signal ground.
BYPASS NOTE
The reference should be bypassed with a 0.1
µF ceramic
capacitor from the VREF pin directly to the ground plane
near the Signal Ground pin. The timing capacitors on
CVFO and RC should be treated likewise. VCC, however,
should be bypassed with a ceramic capacitor from the
VCC pin to the section of ground plane that is connected
to Power Ground. Any required bulk reservoir capacitor
should parallel this one. The two ground plane sections
can then be joined at a single point to optimize noise re-
jection and minimize DC drops.
Output Saturation Voltage vs Load Current
Output Saturation Voltage vs Load Current
Output Rise & Fall Time vs Load Capacitance
UNITRODE INTEGRATED CIRCUITS
7 CONTINENTAL BLVD.
• MERRIMACK, NH 03054
TEL. 603-424-2410
• FAX 603-424-3460
8


Numéro de pièce similaire - UC2860QTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2860 TI-UC2860 Datasheet
584Kb / 9P
[Old version datasheet]   Resonant Mode Power Supply Controller
More results

Description similaire - UC2860QTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1860 TI-UC1860 Datasheet
584Kb / 9P
[Old version datasheet]   Resonant Mode Power Supply Controller
logo
List of Unclassifed Man...
UC1861-1868 ETC1-UC1861-1868 Datasheet
422Kb / 9P
   Resonant-Mode Power Supply Controllers
logo
Texas Instruments
UC1861 TI-UC1861 Datasheet
438Kb / 9P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
UC1861 TI1-UC1861_13 Datasheet
3Mb / 14P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
logo
STMicroelectronics
STEVAL-ISA017V1 STMICROELECTRONICS-STEVAL-ISA017V1 Datasheet
95Kb / 4P
   Switch mode Quasi-Resonant Flyback Power Supply
March 2007 Rev 3
STEVAL-ISA016V1 STMICROELECTRONICS-STEVAL-ISA016V1 Datasheet
93Kb / 4P
   Switch mode Quasi-Resonant Flyback Power Supply
October 2006 Rev 1
logo
NXP Semiconductors
TEA19161T NXP-TEA19161T_V01 Datasheet
512Kb / 44P
   Digital controller for high-efficiency resonant power supply
Rev. 2.2 - 23 January 2023
TEA2016AAT NXP-TEA2016AAT Datasheet
808Kb / 58P
   Digital controller for high-efficiency resonant power supply
Rev. 1.2-6 April 2020
TEA2016AAT NXP-TEA2016AAT_V01 Datasheet
572Kb / 59P
   Digital controller for high-efficiency resonant power supply
Rev. 1 - 15 February 2023
TEA19161CT NXP-TEA19161CT Datasheet
466Kb / 44P
   Digital controller for high-efficiency resonant power supply
Rev. 2-26 February 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com