Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2860N Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce UC2860N
Description  Resonant Mode Power Supply Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2860N Fiches technique(HTML) 3 Page - Texas Instruments

  UC2860N Datasheet HTML 1Page - Texas Instruments UC2860N Datasheet HTML 2Page - Texas Instruments UC2860N Datasheet HTML 3Page - Texas Instruments UC2860N Datasheet HTML 4Page - Texas Instruments UC2860N Datasheet HTML 5Page - Texas Instruments UC2860N Datasheet HTML 6Page - Texas Instruments UC2860N Datasheet HTML 7Page - Texas Instruments UC2860N Datasheet HTML 8Page - Texas Instruments UC2860N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
UC1860
UC2860
UC3860
ELECTRICAL CHARACTERISTICS:
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Oscillator Section (cont’d)
Trig in Threshold
1.0
1.4
1.8
V
Trig in Open Circuit Voltage
0.7
0.9
1.1
V
Trig in Delta (VTH-VOC)
0.3
0.5
0.7
V
Trig in Input Resistance
dV TRIG = VOC to VTH
512
25
k
Minimum Trig in Pulse Width*
3
10
ns
Osc. Disable Threshold
1.0
1.4
1.8
V
One Shot Timer
On Time*
150
200
250
ns
Clamp Frequency*
IVFO = 1.5mA
2.8
3.7
4.6
MHz
Dead Time*
IVFO =1.5mA
35
70
100
ns
Output Stage
Output Low Saturation
20mA
0.2
0.4
V
200mA
0.5
2.2
V
Output High Saturation
-20mA
1.5
2.0
V
-200mA
1.7
2.5
V
Rise/Fall Time*
CLOAD = 1nF
1530ns
UVLO Low Saturation
20mA
0.8
1.5
V
Output Mode Low Input
0.4
V
Output Mode High Input
2.0
V
Under Voltage Lockout Section
VCC Comparator Threshold
On
16
17.3
18.5
V
Off
9.5
10.5
12
V
UVLO Comparator Threshold
On
3.6
4.2
4.8
V
Hysteresis
0.2
0.4
0.6
V
UVLO Input Resistance
UVLO = 4/VCC = 8
102350
k
VREF Comparator Threshold
VCC = UVLO = VREF
4.5
4.9
V
Supply Current
ICC
VCC = 12V, VOSC DSBL = 3V
30
40
mA
ISTART
UVLO pin open
VCC = VCC (on) -0.3V
0.3
0.5
mA
Fault Comparator
Input Offset Voltage
−0.3 ≤ VCM ≤ 3V
2
10
mV
Input Bias Current
VCM = 0V
100
200
µA
Input Offset Current
VCM = 0V
10
30
µA
Propagation Delay To Output*
±50mV input
100
150
ns
Uncommitted Comparator
Input Offset Voltage
-0.3
≤ VCM ≤ 3V
2
10
mV
Input Bias Current
VCM = 0V
100
200
µA
Input Offset Current
VCM = 0V
10
30
µA
Output Low Voltage
IO = 2mA
0.3
0.5
V
Propagation Delay To Sat*
±50mV input, 2.5k load to 5V
50
100
ns
Soft Start/Restart Control Section
Saturation Voltage (2 pins)
ISINK = 100
µA0.2
0.5
V
Charge Current (2 pins)
2
5
10
µA
Restart Delay Threshold
2.8
3.0
3.2
V
*Guaranteed by design but not 100% tested.
Unless otherwise stated, all specifications apply for -55°C
≤ TA ≤ 125°C for the
UC1860, -25°
≤ TA ≤ 85°C for the UC2860, 0 ≤ TA ≤ 70°C for the UC3860, VCC =
12V, CVFO = 330pF, IVFO = 0.5mA, C = 330pF, and R = 2.7k, TA = TJ.
3


Numéro de pièce similaire - UC2860N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2860 TI-UC2860 Datasheet
584Kb / 9P
[Old version datasheet]   Resonant Mode Power Supply Controller
More results

Description similaire - UC2860N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1860 TI-UC1860 Datasheet
584Kb / 9P
[Old version datasheet]   Resonant Mode Power Supply Controller
logo
List of Unclassifed Man...
UC1861-1868 ETC1-UC1861-1868 Datasheet
422Kb / 9P
   Resonant-Mode Power Supply Controllers
logo
Texas Instruments
UC1861 TI-UC1861 Datasheet
438Kb / 9P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
UC1861 TI1-UC1861_13 Datasheet
3Mb / 14P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
logo
STMicroelectronics
STEVAL-ISA017V1 STMICROELECTRONICS-STEVAL-ISA017V1 Datasheet
95Kb / 4P
   Switch mode Quasi-Resonant Flyback Power Supply
March 2007 Rev 3
STEVAL-ISA016V1 STMICROELECTRONICS-STEVAL-ISA016V1 Datasheet
93Kb / 4P
   Switch mode Quasi-Resonant Flyback Power Supply
October 2006 Rev 1
logo
NXP Semiconductors
TEA19161T NXP-TEA19161T_V01 Datasheet
512Kb / 44P
   Digital controller for high-efficiency resonant power supply
Rev. 2.2 - 23 January 2023
TEA2016AAT NXP-TEA2016AAT Datasheet
808Kb / 58P
   Digital controller for high-efficiency resonant power supply
Rev. 1.2-6 April 2020
TEA2016AAT NXP-TEA2016AAT_V01 Datasheet
572Kb / 59P
   Digital controller for high-efficiency resonant power supply
Rev. 1 - 15 February 2023
TEA19161CT NXP-TEA19161CT Datasheet
466Kb / 44P
   Digital controller for high-efficiency resonant power supply
Rev. 2-26 February 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com