Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2860N Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce UC2860N
Description  Resonant Mode Power Supply Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2860N Fiches technique(HTML) 7 Page - Texas Instruments

Back Button UC2860N Datasheet HTML 2Page - Texas Instruments UC2860N Datasheet HTML 3Page - Texas Instruments UC2860N Datasheet HTML 4Page - Texas Instruments UC2860N Datasheet HTML 5Page - Texas Instruments UC2860N Datasheet HTML 6Page - Texas Instruments UC2860N Datasheet HTML 7Page - Texas Instruments UC2860N Datasheet HTML 8Page - Texas Instruments UC2860N Datasheet HTML 9Page - Texas Instruments UC2860N Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
UC1860
UC2860
UC3860
OPEN LOOP LABORATORY TEST FIXTURE
The open loop laboratory test fixture is designed to allow
familiarization with the operating characteristics of the
UC3860. Note the pin numbers apply to the DlP.
To get started, preset all the options as follows:
Adjust the error amplifier variable resistor pot (R1)
so the wiper is at a high potential.
Open the lVFO resistor switch (S1).
Throw the Trig switch (S2) to ground.
Throw the Osc Dsbl switch (S3) to ground.
Throw the uncommitted comparator switch (S4) to
ground.
Throw the UVLO switch (S5) to the resistive divider.
Throw the Out Mode switch (S6) to ground.
Open the restart delay switch (S7).
Throw the fault switch (S8)to ground.
In this configuration, the chip will operate for Vcc greater
than 12V. Adjustment of the following controls allows ex-
amination of specific features.
R1 adjusts the output of the error amp. Notice the voltage
at pin 5 is limited from 0 to 2V above the voltage at pin 7.
S1 changes the error amp output to VFO gain. With S1
open, the maximum frequency is determined by the error
amp output. With S1 closed, the one shot will set the
maximum frequency.
S2 demonstrates the trigger. An external trigger signal
may be applied. When the switch is set to the resistive di-
vider, the chip will operate in consecutive mode (ie: A,B,
off,...)
S3 allows input of an external logic signal to disable the
oscillator.
S4 demonstrates the uncommitted comparator. When set
to output A, the comparator will accelerate the discharge
of pin 9, shortening the output pulse.
S5 shorted to ground will disable the chip and the outputs
will be low. If the switch is open, the VCC start and stop
thresholds are 17 and 10V. Switched to the resistive di-
vider, the thresholds are approximately 12 and 10V.
S6 sets the mode of the toggle flip-flop. When grounded,
the outputs operate alternately. Switched to 5V, the out-
puts switch in unison. (Note: If S6 and S2 are set for uni-
son operation and triggered consecutive outputs, the chip
will free run at the maximum frequency determined by the
one shot.)
S7 open allows the chip to restart immediately after a
fault sense has been removed. When grounded, it causes
the chip to latch off indefinitely. This state can be reset by
UVLO, VCC, or opening the switch. Connected to I
µF pro-
grams a hic-up delay time of 600 ms.
S8 allows the simulation of a fault state. When flipped to
the RC network, the comparator monitors scaled average
voltage of output B. Adjusting frequency will cause the
comparator to sense a ’fault’ and the chip will enter fault
sequence.
7


Numéro de pièce similaire - UC2860N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2860 TI-UC2860 Datasheet
584Kb / 9P
[Old version datasheet]   Resonant Mode Power Supply Controller
More results

Description similaire - UC2860N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1860 TI-UC1860 Datasheet
584Kb / 9P
[Old version datasheet]   Resonant Mode Power Supply Controller
logo
List of Unclassifed Man...
UC1861-1868 ETC1-UC1861-1868 Datasheet
422Kb / 9P
   Resonant-Mode Power Supply Controllers
logo
Texas Instruments
UC1861 TI-UC1861 Datasheet
438Kb / 9P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
UC1861 TI1-UC1861_13 Datasheet
3Mb / 14P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
logo
STMicroelectronics
STEVAL-ISA017V1 STMICROELECTRONICS-STEVAL-ISA017V1 Datasheet
95Kb / 4P
   Switch mode Quasi-Resonant Flyback Power Supply
March 2007 Rev 3
STEVAL-ISA016V1 STMICROELECTRONICS-STEVAL-ISA016V1 Datasheet
93Kb / 4P
   Switch mode Quasi-Resonant Flyback Power Supply
October 2006 Rev 1
logo
NXP Semiconductors
TEA19161T NXP-TEA19161T_V01 Datasheet
512Kb / 44P
   Digital controller for high-efficiency resonant power supply
Rev. 2.2 - 23 January 2023
TEA2016AAT NXP-TEA2016AAT Datasheet
808Kb / 58P
   Digital controller for high-efficiency resonant power supply
Rev. 1.2-6 April 2020
TEA2016AAT NXP-TEA2016AAT_V01 Datasheet
572Kb / 59P
   Digital controller for high-efficiency resonant power supply
Rev. 1 - 15 February 2023
TEA19161CT NXP-TEA19161CT Datasheet
466Kb / 44P
   Digital controller for high-efficiency resonant power supply
Rev. 2-26 February 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com