Moteur de recherche de fiches techniques de composants électroniques |
|
TLC556INE4 Fiches technique(PDF) 6 Page - Texas Instruments |
|
TLC556INE4 Fiches technique(HTML) 6 Page - Texas Instruments |
6 / 22 page TLC556, TLC556Y DUAL LinCMOS ™ TIMERS SLFS047B – FEBRUARY 1984 – REVISED SEPTEMBER 1997 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at specified free-air temperature, VDD = 5 V PARAMETER TEST TA† TLC556C TLC556I TLC556M UNIT PARAMETER CONDITIONS TA† MIN TYP MAX MIN TYP MAX MIN TYP MAX UNIT V Input threshold 25 °C 2.8 3.3 3.8 2.8 3.3 3.8 2.8 3.3 3.8 V VIT voltage Full range 2.7 3.9 2.7 3.9 2.7 3.9 V Threshold current 25 °C 10 10 10 pA Threshold current MAX 75 150 5000 pA V() Trigger voltage 25 °C 1.36 1.66 1.96 1.36 1.66 1.96 1.36 1.66 1.96 V V(trigger) Trigger voltage Full range 1.26 2.06 1.26 2.06 1.26 2.06 V I(i ) Trigger current 25 °C 10 10 10 pA I(trigger) Trigger current MAX 75 150 5000 pA V() Reset voltage 25 °C 0.4 1.1 1.5 0.4 1.1 1.5 0.4 1.1 1.5 V V(reset) Reset voltage Full range 0.3 1.8 0.3 1.8 0.3 1.8 V I() Reset current 25 °C 10 10 10 pA I(reset) Reset current MAX 75 150 5000 pA Control voltage (open circuit) as a percentage of supply voltage MAX 66.7% 66.7% 66.7% Discharge switch IO 10 mA 25 °C 0.15 0.5 0.15 0.5 0.15 0.5 V g on-state voltage IOL = 10 mA Full range 0.6 0.6 0.6 V Discharge switch 25 °C 0.1 0.1 0.1 nA g off-state current MAX 0.5 2 120 nA VO High-level output IO 1mA 25 °C 4.1 4.8 4.1 4.8 4.1 4.8 V VOH g voltage IOH = –1 mA Full range 4.1 4.1 4.1 V IO 8mA 25 °C 0.21 0.4 0.21 0.4 0.21 0.4 IOL = 8 mA Full range 0.5 0.5 0.6 VO Low-level output IO 5mA 25 °C 0.13 0.3 0.13 0.3 0.13 0.3 V VOL voltage IOL = 5 mA Full range 0.4 0.4 0.45 V IO 32 mA 25 °C 0.08 0.3 0.08 0.3 0.08 0.3 IOL = 3.2 mA Full range 0.35 0.35 0.4 IDD Supply current See Note 2 25 °C 340 700 340 700 340 700 µA IDD Supply current See Note 2 Full range 1000 1200 1400 µA † Full range is 0 °C to 70°C for TLC556C, –40°C to 85°C for TLC556I, and –55°C to 125°C for TLC556M. NOTE 2: These values apply for the expected operating configurations in which THRES is connected directly to DISCH or to TRIG. |
Numéro de pièce similaire - TLC556INE4 |
|
Description similaire - TLC556INE4 |