Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74LS28N Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce SN74LS28N
Description  QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74LS28N Fiches technique(HTML) 5 Page - Texas Instruments

  SN74LS28N Datasheet HTML 1Page - Texas Instruments SN74LS28N Datasheet HTML 2Page - Texas Instruments SN74LS28N Datasheet HTML 3Page - Texas Instruments SN74LS28N Datasheet HTML 4Page - Texas Instruments SN74LS28N Datasheet HTML 5Page - Texas Instruments SN74LS28N Datasheet HTML 6Page - Texas Instruments SN74LS28N Datasheet HTML 7Page - Texas Instruments SN74LS28N Datasheet HTML 8Page - Texas Instruments SN74LS28N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN5428J
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
SN7428N
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
SN7428N
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
SN7428N3
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
SN7428N3
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
SN74LS28D
OBSOLETE
SOIC
D
14
TBD
Call TI
Call TI
SN74LS28D
OBSOLETE
SOIC
D
14
TBD
Call TI
Call TI
SN74LS28DR
OBSOLETE
SOIC
D
14
TBD
Call TI
Call TI
SN74LS28DR
OBSOLETE
SOIC
D
14
TBD
Call TI
Call TI
SN74LS28N
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
SN74LS28N
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
SN74LS28N3
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
SN74LS28N3
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
SNJ5428J
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
SNJ5428J
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
SNJ5428W
ACTIVE
CFP
W
14
1
TBD
A42
N / A for Pkg Type
SNJ5428W
ACTIVE
CFP
W
14
1
TBD
A42
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
15-Oct-2009
Addendum-Page 1


Numéro de pièce similaire - SN74LS28N

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
SN74LS28N MOTOROLA-SN74LS28N Datasheet
121Kb / 4P
   QUAD 2-INPUT NOR BUFFER
logo
Texas Instruments
SN74LS28N TI-SN74LS28N Datasheet
152Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS
More results

Description similaire - SN74LS28N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN5428 TI-SN5428 Datasheet
152Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS
SN54ALS1002A TI-SN54ALS1002A Datasheet
43Kb / 3P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS
SN54ALS28A TI-SN54ALS28A Datasheet
45Kb / 3P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS
SN54ALS1002A TI1-SN54ALS1002A_15 Datasheet
208Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS
SN5433 TI-SN5433 Datasheet
206Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN5433 TI1-SN5433_12 Datasheet
502Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SNJ5433 TI-SNJ5433 Datasheet
214Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN54ALS33A TI1-SN54ALS33A_15 Datasheet
280Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN54ALS33A TI-SN54ALS33A Datasheet
70Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS WITH OPEN-COLLECTOR OUTPUTS
logo
Hitachi Semiconductor
HD74LS02 HITACHI-HD74LS02 Datasheet
43Kb / 5P
   Quadruple 2-input Positive NOR Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com