Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVCH8T245DBRG4 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce 74LVCH8T245DBRG4
Description  8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

74LVCH8T245DBRG4 Fiches technique(HTML) 1 Page - Texas Instruments

  74LVCH8T245DBRG4 Datasheet HTML 1Page - Texas Instruments 74LVCH8T245DBRG4 Datasheet HTML 2Page - Texas Instruments 74LVCH8T245DBRG4 Datasheet HTML 3Page - Texas Instruments 74LVCH8T245DBRG4 Datasheet HTML 4Page - Texas Instruments 74LVCH8T245DBRG4 Datasheet HTML 5Page - Texas Instruments 74LVCH8T245DBRG4 Datasheet HTML 6Page - Texas Instruments 74LVCH8T245DBRG4 Datasheet HTML 7Page - Texas Instruments 74LVCH8T245DBRG4 Datasheet HTML 8Page - Texas Instruments 74LVCH8T245DBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
www.ti.com
FEATURES
DB, DGV, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
VCCA
DIR
A1
A2
A3
A4
A5
A6
A7
A8
GND
GND
VCCB
VCCB
OE
B1
B2
B3
B4
B5
B6
B7
B8
GND
RHL PACKAGE
(TOP VIEW)
1
24
12
13
2
3
4
5
6
7
8
9
10
11
23
22
21
20
19
18
17
16
15
14
VCCB
OE
B1
B2
B3
B4
B5
B6
B7
B8
DIR
A1
A2
A3
A4
A5
A6
A7
A8
GND
DESCRIPTION/ORDERING INFORMATION
SN74LVCH8T245
8-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES637A – AUGUST 2005 – REVISED FEBRUARY 2007
• Control Inputs V
IH/VIL Levels Are Referenced
• Bus Hold on Data Inputs Eliminates the Need
to V
CCA Voltage
for External Pullup/Pulldown Resistors
• V
CC Isolation Feature – If Either VCC Input Is at
• Latch-Up Performance Exceeds 100 mA Per
GND, All Are in the High-Impedance State
JESD 78, Class II
• Fully Configurable Dual-Rail Design Allows
• ESD Protection Exceeds JESD 22
Each Port to Operate Over the Full 1.65-V to
4000-V Human-Body Model (A114-A)
5.5-V Power-Supply Range
200-V Machine Model (A115-A)
BKR
1000-V Charged-Device Model (C101)
This
8-bit
noninverting
bus
transceiver
uses
two
separate
configurable
power-supply
rails.
The
SN74LVCH8T245 is optimized to operate with VCCA and VCCB set at 1.65 V to 5.5 V. The A port is designed to
track VCCA. VCCA accepts any supply voltage from 1.65 V to 5.5 V. The B port is designed to track VCCB. VCCB
accepts any supply voltage from 1.65 V to 5.5 V. This allows for universal low-voltage bidirectional translation
between any of the 1.8-V, 2.5-V, 3.3-V, and 5.5-V voltage nodes.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN – RHL
Reel of 1000
SN74LVCH8T245RHLR
NJ245
SSOP – DB
Reel of 2000
SN74LVCH8T245DBR
NJ245
–40
°C to 85°C
Tube of 60
SN74LVCH8T245PW
TSSOP – PW
NJ245
Reel of 2000
SN74LVCH8T245PWR
TVSOP – DGV
Reel of 2000
SN74LVCH8T245DGVR
NJ245
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - 74LVCH8T245DBRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74LVCH8T245DBRG4 TI-74LVCH8T245DBRG4 Datasheet
941Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74LVCH8T245DBRG4 TI-74LVCH8T245DBRG4 Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74LVCH8T245DBRG4 TI-74LVCH8T245DBRG4 Datasheet
875Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74LVCH8T245DBRG4 TI-74LVCH8T245DBRG4 Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74LVCH8T245DBRG4 TI1-74LVCH8T245DBRG4 Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER
More results

Description similaire - 74LVCH8T245DBRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74LVC8T245_101 TI-SN74LVC8T245_101 Datasheet
905Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC138PW TI-SN74LVC138PW Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245 TI1-SN74AVC8T245_17 Datasheet
1Mb / 31P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-State Outputs
SN74LVCH8T245 TI-SN74LVCH8T245_10 Datasheet
941Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1G02MDRLREP TI-SN74LVC1G02MDRLREP Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245 TI-SN74AVC8T245_10 Datasheet
670Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVCH8T245_101 TI-SN74LVCH8T245_101 Datasheet
875Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC8T245 TI-SN74LVC8T245_10 Datasheet
906Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245-Q1 TI1-SN74AVC8T245-Q1 Datasheet
681Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC245DB TI-SN74LVC245DB Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com