Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ALS259D Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74ALS259D
Description  8-BIT ADDRESSABLE LATCHES
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS259D Fiches technique(HTML) 1 Page - Texas Instruments

  SN74ALS259D Datasheet HTML 1Page - Texas Instruments SN74ALS259D Datasheet HTML 2Page - Texas Instruments SN74ALS259D Datasheet HTML 3Page - Texas Instruments SN74ALS259D Datasheet HTML 4Page - Texas Instruments SN74ALS259D Datasheet HTML 5Page - Texas Instruments SN74ALS259D Datasheet HTML 6Page - Texas Instruments SN74ALS259D Datasheet HTML 7Page - Texas Instruments SN74ALS259D Datasheet HTML 8Page - Texas Instruments SN74ALS259D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SN54ALS259, SN74ALS259
8BIT ADDRESSABLE LATCHES
SDAS217A − DECEMBER 1982 − REVISED DECEMBER 1994
Copyright
1994, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
8-Bit Parallel-Out Storage Register
Performs Serial-to-Parallel Conversion With
Storage
Asynchronous Parallel Clear
Active-High Decoder
Enable/Disable Input Simplifies Expansion
Expandable for n-Bit Applications
Four Distinct Functional Modes
Package Options Include Plastic
Small-Outline (D) Packages, Ceramic Chip
Carriers (FK), and Standard Plastic (N) and
Ceramic (J) 300-mil DIPs
description
These 8-bit addressable latches are designed for
general-purpose storage applications in digital
systems. Specific uses include working registers,
serial-holding registers, and active-high decoders
or
demultiplexers.
They
are
multifunctional
devices capable of storing single-line data in eight
addressable latches and being a 1-of-8 decoder or
demultiplexer with active-high outputs.
Four distinct modes of operation are selectable by
controlling the clear (CLR) and enable (G) inputs
as
shown
in
the
function
table.
In
the
addressable-latch mode, data at the data-in
terminal is written into the addressed latch. The
addressed latch follows the data input with all unaddressed latches remaining in their previous states. In the
memory mode, all latches remain in their previous states and are unaffected by the data or address inputs. To
eliminate the possibility of entering erroneous data in the latches, G should be held high (inactive) while the
address lines are changing. In the 1-of-8 decoding or demultiplexing mode, the addressed output follows the
level of the D input with all other outputs low. In the clear mode, all outputs are low and unaffected by the address
and data inputs.
The SN54ALS259 is characterized for operation over the full military temperature range of −55
°C to 125°C. The
SN74ALS259 is characterized for operation from 0
°C to 70°C.
Function Tables
FUNCTION
INPUTS
OUTPUT OF
ADDRESSED
EACH
OTHER
FUNCTION
CLR
G
ADDRESSED
LATCH
OTHER
OUTPUT
FUNCTION
H
L
D
QiO
Addressable latch
H
HQiO
QiO
Memory
L
LD
L
8-line demultiplexer
L
H
L
L
Clear
D = the level at the data input.
QiO = the level of Qi (i = Q, 1, ...7 as appropriate) before the indicated
steady-state input conditions were established.
SN54ALS259 ...J PACKAGE
SN74ALS259 ...D OR N PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
G
D
NC
Q7
Q6
S2
Q0
NC
Q1
Q2
SN54ALS259 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
S0
S1
S2
Q0
Q1
Q2
Q3
GND
VCC
CLR
G
D
Q7
Q6
Q5
Q4
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Numéro de pièce similaire - SN74ALS259D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALS259D TI-SN74ALS259D Datasheet
118Kb / 7P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
More results

Description similaire - SN74ALS259D

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
DM74259 NSC-DM74259 Datasheet
166Kb / 3P
   8-Bit Addressable Latches
logo
ON Semiconductor
MC14099B ONSEMI-MC14099B Datasheet
184Kb / 8P
   8-Bit Addressable Latches
March, 2000 ??Rev. 3
logo
Texas Instruments
SNJ54HC259 TI-SNJ54HC259 Datasheet
519Kb / 16P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
SN54259 TI1-SN54259_10 Datasheet
375Kb / 7P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
logo
Fairchild Semiconductor
DM74LS259 FAIRCHILD-DM74LS259 Datasheet
59Kb / 6P
   8-Bit Addressable Latches
logo
Texas Instruments
SN54259 TI-SN54259 Datasheet
200Kb / 5P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
SN54HC259 TI-SN54HC259_07 Datasheet
686Kb / 19P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
logo
ON Semiconductor
MC14099B ONSEMI-MC14099B_14 Datasheet
102Kb / 7P
   8-Bit Addressable Latches
August, 2014 ??Rev. 9
logo
Texas Instruments
SN54HC289 TI-SN54HC289 Datasheet
365Kb / 15P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
SN54HC259 TI-SN54HC259 Datasheet
134Kb / 9P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com