Moteur de recherche de fiches techniques de composants électroniques |
|
LM2901PWG4 Fiches technique(PDF) 11 Page - Texas Instruments |
|
|
LM2901PWG4 Fiches technique(HTML) 11 Page - Texas Instruments |
11 / 33 page PACKAGE OPTION ADDENDUM www.ti.com 18-Oct-2013 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples 5962-7700801VCA ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 5962-7700801VC A LM139JQMLV 5962-87739012A ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 5962- 87739012A LM139AFKB 5962-8773901CA ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 5962-8773901CA LM139AJB 5962-8773901DA ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 5962-8773901DA LM139AWB 5962-9673802V9B ACTIVE XCEPT KGD 0 100 TBD Call TI N / A for Pkg Type -55 to 125 5962-9673802VCA ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 5962-9673802VC A LM139AJQMLV 77008012A ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 77008012A LM139FKB 7700801CA ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 7700801CA LM139JB 7700801DA ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 7700801DA LM139WB JM38510/11201BCA ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510 /11201BCA LM139AD ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 LM139A LM139ADG4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 LM139A LM139ADR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 LM139A LM139ADRG4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 LM139A LM139AFKB ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 5962- 87739012A LM139AFKB LM139AJ ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 LM139AJ |
Numéro de pièce similaire - LM2901PWG4 |
|
Description similaire - LM2901PWG4 |