Moteur de recherche de fiches techniques de composants électroniques |
|
LM2672MX-ADJ Fiches technique(PDF) 9 Page - Texas Instruments |
|
|
LM2672MX-ADJ Fiches technique(HTML) 9 Page - Texas Instruments |
9 / 33 page LM2672 www.ti.com SNVS136K – SEPTEMBER 1998 – REVISED APRIL 2013 Typical Performance Characteristics (Circuit of Figure 22) Continuous Mode Switching Waveforms Discontinuous Mode Switching Waveforms VIN = 20V, VOUT = 5V, ILOAD = 1A VIN = 20V, VOUT = 5V, ILOAD = 300 mA L = 47 μH, COUT = 68 μF, COUTESR = 50 mΩ L = 15 μH, COUT = 68 μF (2×), COUTESR = 25 mΩ A: VSW Pin Voltage, 10 V/div. A: VSW Pin Voltage, 10 V/div. B: Inductor Current, 0.5 A/div B: Inductor Current, 0.5 A/div C: Output Ripple Voltage, 20 mV/div AC-Coupled C: Output Ripple Voltage, 20 mV/div AC-Coupled Figure 18. Horizontal Time Base: 1 μs/div Figure 19. Horizontal Time Base: 1 μs/div Load Transient Response for Continuous Mode Load Transient Response for Discontinuous Mode VIN = 20V, VOUT = 5V, ILOAD = 1A VIN = 20V, VOUT = 5V, L = 47 μH, COUT = 68 μF, COUTESR = 50 mΩ L = 47 μH, COUT = 68 μF, COUTESR = 50 mΩ A: Output Voltage, 100 mV/div, AC-Coupled A: Output Voltage, 100 mV/div, AC-Coupled B: Load Current: 200 mA to 1A Load Pulse B: Load Current: 100 mA to 300 mA Load Pulse Figure 20. Horizontal Time Base: 50 μs/div Figure 21. Horizontal Time Base: 200 μs/div Copyright © 1998–2013, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Links: LM2672 |
Numéro de pièce similaire - LM2672MX-ADJ |
|
Description similaire - LM2672MX-ADJ |