Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2751SDX-A Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce LM2751SDX-A
Description  LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM2751SDX-A Fiches technique(HTML) 8 Page - Texas Instruments

Back Button LM2751SDX-A Datasheet HTML 4Page - Texas Instruments LM2751SDX-A Datasheet HTML 5Page - Texas Instruments LM2751SDX-A Datasheet HTML 6Page - Texas Instruments LM2751SDX-A Datasheet HTML 7Page - Texas Instruments LM2751SDX-A Datasheet HTML 8Page - Texas Instruments LM2751SDX-A Datasheet HTML 9Page - Texas Instruments LM2751SDX-A Datasheet HTML 10Page - Texas Instruments LM2751SDX-A Datasheet HTML 11Page - Texas Instruments LM2751SDX-A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
INPUT VOLTAGE (V)
40
50
60
70
80
90
100
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
INPUT VOLTAGE (V)
40
50
60
70
80
90
100
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
INPUT VOLTAGE (V)
IOUT = 0 mA
4.97
5.00
5.03
5.06
5.09
IOUT = 20 mA
IOUT = 60 mA
IOUT = 80 mA
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
INPUT VOLTAGE (V)
IOUT = 0 mA
4.45
4.48
4.51
4.54
4.57
4.60
IOUT = 40 mA
IOUT = 120 mA
IOUT = 152 mA
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
INPUT VOLTAGE (V)
IOUT = 0 mA
4.99
5.02
5.04
5.07
5.09
IOUT = 20 mA
IOUT = 70 mA
IOUT = 60 mA
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
INPUT VOLTAGE (V)
IOUT = 0 mA
4.48
4.51
4.54
4.57
4.60
4.63
IOUT = 40 mA
IOUT = 80 mA
IOUT = 120 mA
LM2751
SNVS299B – APRIL 2005 – REVISED MAY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified: TA = 25°C, VIN = 3.6V, CS0 = CS1 = VIN, V(EN) = VIN, CIN = COUT = 2.2µF, C1 = C2 = 1µF.
Output Voltage
Output Voltage
vs.
vs.
Input Voltage, Version A (5V), 300kHz
Input Voltage, Version B (4.5V), 300kHz
Figure 8.
Figure 9.
Output Voltage
Output Voltage
vs.
vs.
Input Voltage, Version A (5V), 725kHz
Input Voltage, Version B (4.5V), 725kHz
Figure 10.
Figure 11.
Efficiency
Efficiency
vs.
vs.
Input Voltage, Version A (5V)
Input Voltage, Version B (4.5V)
Figure 12.
Figure 13.
8
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM2751


Numéro de pièce similaire - LM2751SDX-A

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2751SDX-A NSC-LM2751SDX-A Datasheet
8Kb / 11P
   Regulated 2X, 1.5X Switched Capacitor White LED Driver
More results

Description similaire - LM2751SDX-A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2751 TI1-LM2751 Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
National Semiconductor ...
LM2751 NSC-LM2751 Datasheet
8Kb / 11P
   Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM27952 NSC-LM27952 Datasheet
521Kb / 8P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
LM27951 NSC-LM27951 Datasheet
605Kb / 10P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Texas Instruments
LM27952 TI1-LM27952 Datasheet
1,004Kb / 17P
[Old version datasheet]   LM27952 White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Anpec Electronics Corop...
APW7008 ANPEC-APW7008_12 Datasheet
309Kb / 22P
   1X/1.5X/2x Charge Pump White LED Driver
APW7008 ANPEC-APW7008 Datasheet
318Kb / 21P
   1X/1.5X/2x Charge Pump White LED Driver
APW7000 ANPEC-APW7000 Datasheet
300Kb / 18P
   1X/1.5X/2x Charge Pump White LED Driver
logo
Eutech Microelectronics...
EUP2796 EUTECH-EUP2796 Datasheet
263Kb / 9P
   Dual-Display White LED Driver with 3/2X Switched Capacitor Boost
logo
National Semiconductor ...
LM2796 NSC-LM2796 Datasheet
172Kb / 8P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com