Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3488-Q1 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce LM3488-Q1
Description  High Efficiency Low-Side N-Channel Controller for Switching Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM3488-Q1 Fiches technique(HTML) 4 Page - Texas Instruments

  LM3488-Q1 Datasheet HTML 1Page - Texas Instruments LM3488-Q1 Datasheet HTML 2Page - Texas Instruments LM3488-Q1 Datasheet HTML 3Page - Texas Instruments LM3488-Q1 Datasheet HTML 4Page - Texas Instruments LM3488-Q1 Datasheet HTML 5Page - Texas Instruments LM3488-Q1 Datasheet HTML 6Page - Texas Instruments LM3488-Q1 Datasheet HTML 7Page - Texas Instruments LM3488-Q1 Datasheet HTML 8Page - Texas Instruments LM3488-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
LM3488
LM3488-Q1
SNVS089M – JULY 2000 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics (continued)
Specifications in Standard type face are for TJ = 25°C, and in bold type face apply over the full Operating Temperature
Range. Unless otherwise specified, VIN = 12V, RFA = 40kΩ
Symbol
Parameter
Conditions
Typical
Limit
Unit
VOVP(HYS)
Output Over-Voltage Protection
VCOMP = 1.4V
60
mV
Hysteresis(5)
20
mV(min)
110
mV(max)
Gm
Error Ampifier Transconductance
VCOMP = 1.4V
800
µmho
IEAO = 100µA (Source/Sink)
600/ 365
µmho (min)
1000/ 1265
µmho (max)
AVOL
Error Amplifier Voltage Gain
VCOMP = 1.4V
38
V/V
IEAO = 100µA (Source/Sink)
26
V/V (min)
44
V/V (max)
IEAO
Error Amplifier Output Current (Source/
Source, VCOMP = 1.4V, VFB = 0V
110
µA
Sink)
80/ 50
µA (min)
140/ 180
µA (max)
Sink, VCOMP = 1.4V, VFB = 1.4V
−140
µA
−100/ −85
µA (min)
−180/ −185
µA (max)
VEAO
Error Amplifier Output Voltage Swing
Upper Limit
2.2
V
VFB = 0V
1.8
V(min)
COMP Pin = Floating
2.4
V(max)
Lower Limit
0.56
V
VFB = 1.4V
0.2
V(min)
1.0
V(max)
TSS
Internal Soft-Start Delay
VFB = 1.2V, VCOMP = Floating
4
msec
Tr
Drive Pin Rise Time
Cgs = 3000pf, VDR = 0 to 3V
25
ns
Tf
Drive Pin Fall Time
Cgs = 3000pf, VDR = 0 to 3V
25
ns
VSD
Shutdown and Synchronization signal
Output = High
1.27
V
threshold (6)
1.4
V (max)
Output = Low
0.65
V
0.3
V (min)
ISD
Shutdown Pin Current
VSD = 5V
−1
µA
VSD = 0V
+1
IFB
Feedback Pin Current
15
nA
TSD
Thermal Shutdown
165
°C
Tsh
Thermal Shutdown Hysteresis
10
°C
θJA
Thermal Resistance
VSSOP-8 Package
200
°C/W
(6)
The FA/SYNC/SD pin should be pulled to VIN through a resistor to turn the regulator off.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM3488 LM3488-Q1


Numéro de pièce similaire - LM3488-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM3488-Q1 TI-LM3488-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3488-Q1 TI-LM3488-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   LM3488/-Q1 High-Efficiency, Low-Side, N-Channel Controller for Switching Regulators
LM3488-Q1 TI1-LM3488-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency, Low-Side, N-Channel Controller for Switching Regulators
More results

Description similaire - LM3488-Q1

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3488 NSC-LM3488_05 Datasheet
1,001Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3488 TI1-LM3488 Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency, Low-Side, N-Channel Controller for Switching Regulators
logo
National Semiconductor ...
LM3488 NSC-LM3488 Datasheet
626Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3481 NSC-LM3481 Datasheet
445Kb / 22P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3488MM TI-LM3488MM Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
National Semiconductor ...
LM3488 NSC-LM3488_09 Datasheet
503Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3488 TI-LM3488_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM3488/-Q1 High-Efficiency, Low-Side, N-Channel Controller for Switching Regulators
LM3481MM TI1-LM3481MM Datasheet
1Mb / 30P
[Old version datasheet]   LM3481/LM3481Q High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
National Semiconductor ...
LM3478 NSC-LM3478 Datasheet
624Kb / 21P
   High Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3478 TI1-LM3478 Datasheet
1Mb / 32P
[Old version datasheet]   High-Efficiency Low-Side N-Channel Controller for Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com