Moteur de recherche de fiches techniques de composants électroniques |
|
4-87220-0 Fiches technique(PDF) 8 Page - Tyco Electronics |
|
4-87220-0 Fiches technique(HTML) 8 Page - Tyco Electronics |
8 / 96 page 92 Catalog 1307819 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 8-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Standard Headers—Unshrouded AMPMODU Interconnection System 5 Product Facts ■ Variety of popular sizes available ■ Substantial time/labor savings—install all posts at one time ■ Vertical and right-angle versions available in single- and double-row configurations ■ Triple-row version available in vertical configuration with .230 [5.84] mating length ■ Copper alloy posts ■ Choice of select gold or tin plated posts ■ Mating length for single and double row is .318 [8.08] (.278 [7.06] effective mat- ing length-see page 90) ■ Flame retardant, black thermoplastic housings; 94V-0 rated ■ Recognized under the Component Program of Underwriters Laboratories Inc., File No. E28476 ■ Certified by Canadian Standards Association, File No. LR 7189 Performance Characteristics Electrical Insulation Resistance — 5,000 megohms minimum initial Dielectric Withstanding Voltage — 750 V rms at sea level Environmental Operating Temperature — -65°C to +105°C (black thermoplastic housings) Current — 3 amperes maximum per contact (dependent upon mating connector) R R |
Numéro de pièce similaire - 4-87220-0 |
|
Description similaire - 4-87220-0 |